Electronic Components Datasheet Search
  English  ▼

X  

BDS102H Datasheet(PDF) 2 Page - Holland Electronics

Part # BDS102H
Description  Vertical True Flex™/Horizontal Splitters Model BDS100H/VF Broadband Digital Splitter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

BDS102H Datasheet(HTML) 2 Page - Holland Electronics

  BDS102H Datasheet HTML 1Page - Holland Electronics BDS102H Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
amphenolbroadband.com | ABS: 800-677-2288 | LATAM: 805-339-9060 | Toll Free: 800-628-4511
DS-65-0156 Rev. 1.1
Insertion Loss
Frequency(MHz) BDS102H/VF
BDS103H/VF
BDS103H/VFB
BDS104H/VF
BDS108H/VF
dB Typical
5 - 14
3.5
3.5/7.0
5.8
7.0
11.0
15 - 40
3.5
3.5/7.0
5.8
7.2
11.0
41 - 200
3.5
3.5/7.1
5.8
7.2
11.0
201 - 550
3.7
3.7/7.3
6.0
7.4
11.2
551 - 750
3.8
3.9/7.6
6.2
7.6
11.8
751 - 1002
4.0
4.1/8.1
6.8
8.0
12.5
Isolation
dB Typical
5 - 14
24
24
24
24
24
15 - 40
35
35
32
35
32
41 - 200
30
30
28
28
28
201 - 550
25
25
22
25
25
551 - 750
25
25
22
25
25
751 - 1002
22
22
22
22
23
Return Loss
(Output/Input)
5 - 14
22/22
20/22
20/22
20/20
20/22
dB Typical
15 - 40
35/25
30/24
25/25
30/22
28/22
41 - 200
25/23
24/23
22/23
24/22
24/22
201 - 550
22/20
20/20
20/20
20/20
20/20
551 - 750
20/20
20/20
20/20
20/20
20/20
751 - 1002
20/20
20/20
20/20
20/20
20/20
Shielding
5 - 1002
120
120
120
120
120
Bonding
UL Listed for #8-14 solid copper bond wire
Surge Protection
6kV Ring Wave Surge, IEEE C62.41 Cat A3
6kV Ring Wave Surge, IEEE C62.41 Cat A3
Second Harmonic
-45dBmV, measured with a +55dBmV return input carrier after 6KV ring wave surge
Additional Info:
Specifications
Vertical True Flex™/Horizontal Splitters Model BDS100H/VF Series
Customers are reminded they are SOLELY responsible for confirming
that all products are properly installed and used in accordance with
codes and regulations.
Specifications Are Subject To Change Without Notice ©
2019 Amphenol Broadband Solutions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com