Electronic Components Datasheet Search
  English  ▼

X  

MBR10H90 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MBR10H90
Description  Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR10H90 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MBR10H90 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR10H90 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBR10H90 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Rectifier
MBR10H90
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 10A ; TC= 25℃
--
0.77
V
IF= 10A ; TC= 125℃
--
0.64
VF
Maximum Instantaneous Forward Voltage
IF= 20A ; TC= 25℃
--
0.88
V
IF= 20A ; TC= 125℃
--
0.73
IR
Maximum Instantaneous Reverse Current
Rated DC Voltage, TC= 25℃
--
4.5
uA
IR
Maximum Instantaneous Reverse Current
Rated DC Voltage, TC= 125℃
--
6.0
mA
PACKAGE OUTLINE(UNIT:mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com