Electronic Components Datasheet Search
  English  ▼

X  

MBR10H90 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR10H90
Description  Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR10H90 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR10H90 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR10H90 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBR10H90 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Rectifier
MBR10H90
www.iscsemi.com
1
FEATURES
· Lower Power Losses, High Efficiency
· Low Forward Voltage Drop
· High Forward Surge Capability
· High Frequency Operation
APPLICATIONS
· Switching Mode Power Supply
· Freewheeling Diode
· DC-DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum repetitive peak reverse voltage
90
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Nonrepetitive Peak Surge Current
250
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.7
℃
/W


Similar Part No. - MBR10H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10H90 VISHAY-MBR10H90 Datasheet
114Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
MBR10H90 VISHAY-MBR10H90 Datasheet
143Kb / 5P
High-Voltage Schottky Rectifier
07-May-08
logo
Kersemi Electronic Co.,...
MBR10H90 KERSEMI-MBR10H90 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Vishay Siliconix
MBR10H90 VISHAY-MBR10H90 Datasheet
141Kb / 6P
High Voltage Schottky Rectifier
13-Jun-12
logo
Vaishali Semiconductor
MBR10H90CT VAISH-MBR10H90CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
More results

Similar Description - MBR10H90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com