Electronic Components Datasheet Search
  English  ▼

X  

AP1N65D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP1N65D
Description  650V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP1N65D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP1N65D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1N65D
650V N-Channel Enhancement Mode MOSFET
AP1N65D REV1.0
永源微電子科技有限公司
Description
The AP1N65D is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 650V ID =1.1A
RDS(ON) < 12Ω @ VGS=10V (Type:9Ω)
Application
LED
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP1N65D
TO-252-3L
AP1N65D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
650
V
ID
Continuous Drain Current
1.2
A
IDM
Pulsed Drain Current
(note1)
6.0
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
25
mJ
PD
Power Dissipation (TC = 25ºC)
3
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
5
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP1N65D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP1N65MI APME-AP1N65MI Datasheet
1Mb / 7P
650V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP1N65D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
650V / 4A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com