Electronic Components Datasheet Search
  English  ▼

X  

AP1N65D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP1N65D
Description  650V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP1N65D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP1N65D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP1N65D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1N65D
650V N-Channel Enhancement Mode MOSFET
AP1N65D REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
650
700
--
V
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = 250µA
2.0
3.0
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS = 10V, ID = 0.5A
--
9
12
Ω
IDSS
Zero Gate Voltage Drain Current
VDS=650V, VGS = 0V, TJ = 25ºC
--
--
1
μA
VDS=520V, VGS = 0V, TJ = 125ºC
--
--
100
IGSS
Gate-Source Leakage
VGS = ±30V
--
--
±100
nA
Ciss
Input Capacitance
VGS = 0V,
VDS=25V, f=1.0MHz
--
139
--
pF
Coss
Output Capacitance
--
17
--
Crss
Reverse Transfer Capacitance
--
2
--
Qg
Total Gate Charge
VDD=350V, ID=0.8A, VGS=10V
--
5.3
--
nC
Qgs
Gate-Source Charge
--
0.7
--
Qgd
Gate-Drain Charge
--
2.6
--
td(on)
Turn-on Delay Time
VDD=350V, ID=0.8A, RG=25Ω
--
6
--
ns
tr
Turn-on Rise Time
--
4.5
--
td(off)
Turn-off Delay Time
--
27
--
tf
Turn-off Fall Time
--
16
--
IS
Continuous Body Diode Current
TC=25ºC
--
--
1.2
A
ISM
Pulsed Diode Forward Current
--
--
6.0
trr
Reverse Recovery Time
VGS = 0V,IS=0.8A, diF/dt =100A /μs
--
65
--
ns
Qrr
Reverse Recovery Charge
--
101
--
μC
VSD
Body Diode Voltage
TJ = 25ºC, ISD =0.8A, VGS = 0V
--
--
1.5
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
3
、The power dissipation is limited by 150℃ junction temperature
4
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com