Electronic Components Datasheet Search
  English  ▼

X  

TLC2142IP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2142IP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2142IP Datasheet HTML 8Page - Texas Instruments TLC2142IP Datasheet HTML 9Page - Texas Instruments TLC2142IP Datasheet HTML 10Page - Texas Instruments TLC2142IP Datasheet HTML 11Page - Texas Instruments TLC2142IP Datasheet HTML 12Page - Texas Instruments TLC2142IP Datasheet HTML 13Page - Texas Instruments TLC2142IP Datasheet HTML 14Page - Texas Instruments TLC2142IP Datasheet HTML 15Page - Texas Instruments TLC2142IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2142I
TLE2142I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V0
R50
Ω
25
°C
290
1200
275
750
µV
VIO
Input offset voltage
V0
R50
Ω
Full range
1800
1400
µV
αVIO
Temperature coefficient of
V0
R50
Ω
Full range
17
17
µV/°C
αVIO
Temperature coefficient of
input offset voltage
VIC = 0,
RS = 50 Ω,
Full range
1.7
1.7
µV/°C
IIO
Input offset current
VIC = 0,
VO = 0
RS = 50 Ω,
25
°C
7
100
7
100
nA
IIO
Input offset current
Full range
200
200
nA
IIB
Input bias current
25
°C
– 0.7
– 1.5
– 0.7
– 1.5
µA
IIB
Input bias current
Full range
– 1.7
– 1.7
µA
V
Cd i
R50
Ω
25
°C
–15
– 15.3
–15
– 15.3
V
V
Cd i
R50
Ω
25
°C
15
to
15.3
to
15
to
15.3
to
V
VICR
Common-mode input
RS =50 Ω
13
13.2
13
13.2
V
VICR
Common mode input
voltage range
RS = 50 Ω
Fll
–15
– 15.3
–15
– 15.3
V
gg
Full range
15
to
15.3
to
15
to
15.3
to
g
12.7
12.9
12.7
12.9
V
Mi
i i
k
IO = – 150 µA
25
°C
13.8
14.1
13.8
14.1
V
V
Mi
i i
k
IO = – 1.5 mA
25
°C
13.7
14
13.7
14
V
VOM
Maximum positive peak
IO = – 15 mA
13.3
13.7
13.3
13.7
V
VOM +
Maximum positive peak
output voltage swing
IO = – 100 µA
Fll
13.7
13.7
V
IO = – 1 mA
Full range
13.6
13.6
IO = – 10 mA
g
13.3
13.3
V
Mi
i
k
IO = 150 µA
25
°C
– 14.7
– 14.9
– 14.7
– 14.9
V
V
Mi
i
k
IO = 1.5 mA
25
°C
– 14.5
– 14.8
– 14.5
– 14.8
V
VOM
Maximum negative peak
IO = 15 mA
– 13.4
– 13.8
– 13.4
– 13.8
V
VOM –
Maximum negative peak
output voltage swing
IO = 100 µA
Fll
– 14.6
– 14.6
V
IO = 1 mA
Full range
– 14.5
– 14.5
IO = 10 mA
g
– 13.4
– 13.4
AVD
Large-signal differential
VO = ± 10 V RL =2kΩ
25
°C
100
450
100
450
V/mV
AVD
Large signal differential
voltage amplification
VO = ± 10 V, RL = 2 kΩ
Full range
40
40
V/mV
ri
Input resistance
25
°C
65
65
M
Ω
ci
Input capacitance
25
°C
2.5
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
30
30
Ω
CMRR
Common-mode rejection
VIC = VICRmin
25
°C
85
108
85
108
dB
CMRR
Common mode rejection
ratio
RS = 50 Ω
Full range
80
80
dB
kSVR
Supply-voltage rejection
VCC
± = ±2.5 V to ±15 V,
25
°C
90
106
90
106
dB
kSVR
Supply voltage rejection
ratio (
∆VCC± /∆VIO)
VCC
± ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
IOS
Short-circuit output current
VO =0
VID = 1 V
25
°C
–25
–50
–25
–50
mA
IOS
Short-circuit output current
VO = 0
VID = – 1 V
25
°C
20
31
20
31
mA
ICC
Supply current
VO = 0
No load
25
°C
6.9
9
6.9
9
mA
ICC
Supply current
VO = 0,
No load
Full range
9.4
9.4
mA
† Full range is – 40
°C to 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com