Electronic Components Datasheet Search
  English  ▼

X  

TLC2142IP Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC2142IP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142IP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC2142IP Datasheet HTML 21Page - Texas Instruments TLC2142IP Datasheet HTML 22Page - Texas Instruments TLC2142IP Datasheet HTML 23Page - Texas Instruments TLC2142IP Datasheet HTML 24Page - Texas Instruments TLC2142IP Datasheet HTML 25Page - Texas Instruments TLC2142IP Datasheet HTML 26Page - Texas Instruments TLC2142IP Datasheet HTML 27Page - Texas Instruments TLC2142IP Datasheet HTML 28Page - Texas Instruments TLC2142IP Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
100
80
20
0
10
100
1 k
120
140
f – Frequency – Hz
160
10 k
100 k
1 M
10 M
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
kSVR –
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
106
104
102
100
108
110
– 75 – 50 – 25
0
25
50
75
100
125 150
VCC
± = ±2.5 V to ±15 V
60
40
kSVR +
VCC
± = ±2.5 V to ±15 V
TA = 25°C
Figure 19
Figure 20
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
5.4
5.8
6.2
6.6
7
7.4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
– 75 – 50 – 25
0
25
50
75
100
125 150
TA – Free-Air Temperature – °C
5
4
04
8
12
16
20
6
7
24
|VCC
±| – Supply Voltage – V
8
TA = 125°C
TA = – 55°C
TA = 25°C
VO = 0
No Load
VO = 0
No Load
VCC
± = ±15 V
VCC
± = ±2.5 V
Figure 21
Figure 22
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com