Electronic Components Datasheet Search
  English  ▼

X  

TS41 Datasheet(PDF) 4 Page - Same Sky Devices

Part # TS41
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS41 Datasheet(HTML) 4 Page - Same Sky Devices

  TS41 Datasheet HTML 1Page - Same Sky Devices TS41 Datasheet HTML 2Page - Same Sky Devices TS41 Datasheet HTML 3Page - Same Sky Devices TS41 Datasheet HTML 4Page - Same Sky Devices TS41 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAME SKY | SERIES: TS41 | DESCRIPTION: TACTILE SWITCH
date 11/20/2025 | page 4 of 5
sameskydevices.com
Reel
Direction of Unreeling
upper band
carrier tape
PACKAGING (CONTINUED)
Packaging Table
Actuator Height
Models (mm)
Reel QTY
Reel Size
(mm)
E
(mm)
F
(mm)
P2
(mm)
ØD
(mm)
Po
(mm)
W
(mm)
P
(mm)
Ao
(mm)
BO
(mm)
KO
(mm)
t
(mm)
3.5-4
2,000
Ø330
1.75±0.1
5.5±0.1
2.0±0.1
4.0±0.1
12.0±0.3
8.0±0.1
4.75±0.1
4.65±0.1
4.45±0.1
0.4±0.05
1.5+0.1
-0.0
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com