Electronic Components Datasheet Search
  English  ▼

X  

TS41 Datasheet(PDF) 1 Page - Same Sky Devices

Part # TS41
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS41 Datasheet(HTML) 1 Page - Same Sky Devices

  TS41 Datasheet HTML 1Page - Same Sky Devices TS41 Datasheet HTML 2Page - Same Sky Devices TS41 Datasheet HTML 3Page - Same Sky Devices TS41 Datasheet HTML 4Page - Same Sky Devices TS41 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 11/20/2025
page 1 of 5
SERIES: TS41 | DESCRIPTION: TACTILE SWITCH
sameskydevices.com
FEATURES
• white actuator
• black actuator
• 160 & 260 gf
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc, 10 mA
100
mΩ
insulation resistance
at 100 Vdc for 1 minute
100
MΩ
operating force
160 gf models
260 gf models
110
190
160
260
210
330
gf
gf
return force
20
gf
actuator travel
0.10
0.20
0.30
mm
operating temperature
-30
80
°C
storage temperature
-40
90
°C
life
at 5 Vdc, 5 mA, 2 cycles/second, 1.5 times operating force
100,000
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
TS41 - 4539 - XX - XX - XXX - SMT - TR
Actuator Height above PCB:
*35 = 3.5 mm
*40 = 4.0 mm
**50 = 5.0 mm
**60 = 6.0 mm
**65 = 6.5 mm
Push Force:
160 = 160 gf
260 = 260 gf
Actuator Color:
BK = black
WT = white
Note: * Only available with white actuator.
** Only available with black actuator.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


Similar Part No. - TS41

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
Precision Measurement
TS4100ITQ1633 SILABS-TS4100ITQ1633 Datasheet
1Mb / 24P
Precision Measurement
TS4101ITQ1633 SILABS-TS4101ITQ1633 Datasheet
1Mb / 24P
Precision Measurement
TS4102ITQ1633 SILABS-TS4102ITQ1633 Datasheet
1Mb / 24P
Precision Measurement
logo
Infineon Technologies A...
TS4141 INFINEON-TS4141 Datasheet
444Kb / 19P
Smart High-Side Power Switch
2006-03-09
More results

Similar Description - TS41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com