Electronic Components Datasheet Search
  English  ▼

X  

PS8902 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 15 mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8902 Datasheet HTML 1Page - Renesas Technology Corp PS8902 Datasheet HTML 2Page - Renesas Technology Corp PS8902 Datasheet HTML 3Page - Renesas Technology Corp PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS8902 Data Sheet
R08DS0128EJ0200 Rev. 2.00
Page 5 of 15
Jun. 30, 2021
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.35
1.65
1.85
V
Reverse Current
IR
VR = 3 V
-
-
10
A
Forward Voltage
Temperature Coefficient
VF/TA
IF = 16 mA
-
-2.2
-
mV/
C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
-
30
-
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
-
0.5
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 30 V
-
-
100
A
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IOL = 1.2 mA
-
0.1
0.4
V
High Level Supply Current
ICCH
IF = 0 mA, VO = open, VCC = 30 V
-
0.01
2
A
Low Level Supply Current
ICCL
IF = 16 mA, VO = open, VCC = 30 V
-
50
-
A
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
-
35
%
Input-Output
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
1011
-
-
Input-Output
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
-
1.0
-
pF
Propagation Delay Time
(H
 L)*1
tPHL
IF = 16 mA, VCC = 5 V, RL = 2.2 k
,
CL = 15 pF
-
0.3
0.8
s
Propagation Delay Time
(L
 H)*1
tPLH
-
0.5
1.2
Common Mode
Transient Immunity at
High Level Output*2
CMH
IF = 0 mA, VCC = 5 V, RL = 4.1 k
,
VCM = 1.5 kV,Vo>2V
15
-
-
kV/
s
Common Mode
Transient Immunity at
Low Level Output*2
CML
IF = 16 mA, VCC = 5 V, RL = 4.1 k
,
VCM = 1.5 kV, Vo<0.8V
15
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com