Electronic Components Datasheet Search
  English  ▼

X  

PS8902 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 15 mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp PS8902 Datasheet HTML 10Page - Renesas Technology Corp PS8902 Datasheet HTML 11Page - Renesas Technology Corp PS8902 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS8902 Data Sheet
R08DS0128EJ0200 Rev. 2.00
Page 8 of 15
Jun. 30, 2021
TYPICAL CHARACTERISTICS (TA = 25
C, unless otherwise specified)
Remark The graphs indicate nominal characteristics.
0
2
4
6
8
10
0
2
4
6
8
10 12 14 16 18 20
0
2
4
6
8
10 12 14 16 18 20
0
1
2
3
4
5
6
0
1
2
3
0
5
10
15
20
25
0.1
1
10
1
10
100
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Output Current vs. Output Voltage
Output Voltage vs. Forward Current
Propagation Delay Time vs. Forward Current
Propagation Delay Time vs. Load Resistance
Propagation Delay Time vs. Ambient Temperature
Forward Current IF (mA)
Output Voltage Vo (V)
Forward Current IF (mA)
Load Resistance RL (kΩ)
Ambient Temperature TA (°C)
IF = 15 mA
IF = 10 mA
IF = 5 mA
IF = 25 mA
IF = 20 mA
RL = 2.2 kΩ
5.6 kΩ
Vcc = 5 V
RL = 2.2 kΩ
Vcc = 5 V
I F = 16 mA
tPLH
tPLH
tPLH
tPHL
tPHL
tPHL
I F = 16 mA
Vcc = 5 V
RL = 2.2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com