Electronic Components Datasheet Search
  English  ▼

X  

1089796 Datasheet(PDF) 6 Page - SICK AG

Part # 1089796
Description  SENSOR INTEGRATION GATEWAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1089796 Datasheet(HTML) 6 Page - SICK AG

  1089796 Datasheet HTML 1Page - SICK AG 1089796 Datasheet HTML 2Page - SICK AG 1089796 Datasheet HTML 3Page - SICK AG 1089796 Datasheet HTML 4Page - SICK AG 1089796 Datasheet HTML 5Page - SICK AG 1089796 Datasheet HTML 6Page - SICK AG 1089796 Datasheet HTML 7Page - SICK AG 1089796 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SIG200-0A0512200 | SIG200
SENSOR INTEGRATION GATEWAY
PIN assignment
SIG200
POWER
S1
S2
S3
S4
P2
P1
CONFIG
24 V DC/3 A (max. supply)
0 V
3
4
1
2
4
1
3
2
24 V DC/500 mA (sensor supply)
0 V
24 V DC (DO)/200 mA
4
1
3
2
24 V DC/500 mA (sensor supply)
0 V
24 V DC (DO)/200 mA
4
1
3
2
24 V DC/500 mA (sensor supply)
0 V
24 V DC (DO)/200 mA
4
1
3
2
24 V DC/500 mA (sensor supply)
0 V
24 V DC (DO)/200 mA
Adjustment possible
Logic editor
Recommended accessories
Other models and accessories
www.sick.com/SIG200
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: male connector, M12, 4-pin, straight, A-coded
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 1 m
YF2A14-
010UB3M2A14
2095997
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 4-pin, straight
Cable: Ethernet, PROFINET, PUR, halogen-free, shielded, 2 m
YM2D24-
020PN1MRJA4
2106182
6
INTEGRATION PRODUCTS | SICK
Product data sheet | 2023-11-29 10:20:54
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com