Electronic Components Datasheet Search
  English  ▼

X  

1089796 Datasheet(PDF) 7 Page - SICK AG

Part # 1089796
Description  SENSOR INTEGRATION GATEWAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1089796 Datasheet(HTML) 7 Page - SICK AG

  1089796 Datasheet HTML 1Page - SICK AG 1089796 Datasheet HTML 2Page - SICK AG 1089796 Datasheet HTML 3Page - SICK AG 1089796 Datasheet HTML 4Page - SICK AG 1089796 Datasheet HTML 5Page - SICK AG 1089796 Datasheet HTML 6Page - SICK AG 1089796 Datasheet HTML 7Page - SICK AG 1089796 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SIG200-0A0512200 | SIG200
SENSOR INTEGRATION GATEWAY
Brief description
Type
Part no.
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, 4-pin, straight
Cable: USB 2.0, PVC, shielded, 1.5 m
YM8U24-
015VG3MUSA
6051163
Sensor Integration Gateway
• Further functions: USB connection for easy configuration of the SIG100 Sensor Inte-
gration Gateway with SOPAS ET, the engineering tool from SICK, logic editor is avail-
able for easy configuration of logic functions
• I/O connection: 6 x M12, 5-pin female connector, A-coded
• Connection CONFIG: 1 x M8, 4-pin female connector, USB 2.0 (USB-A)
• Logic editor: yes
• Communication interface: USB, IO-Link
• Product category: IO-Link Hub
SIG100-0A0111100
1089792
2023-11-29 10:20:54 | Product data sheet
Subject to change without notice
INTEGRATION PRODUCTS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com