Electronic Components Datasheet Search
  English  ▼

X  

FRDMK22FUG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FRDMK22FUG
Description  Freedom Board for Kinetis K22F Hardware (FRDM-K22F)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK22FUG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FRDMK22FUG Datasheet HTML 5Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 6Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 7Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 8Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 9Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 10Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 11Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 12Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Freedom Board for Kinetis K22F Hardware (FRDM-K22F) User’s Guide, FRDMK22FUG, Rev. 0, 07/2014
Freescale Semiconductor, Inc.
9
Universal Serial Bus (USB)
Figure 6. 8 MHz crystal clock source for MCU
Note that, unlike the MK22FN512VLH12 and MK22FN256VLH12 MCUs, the MK22FN128VLH10
MCU does not feature a Phase-Locked Loop (PLL).
By default, the 32.768 KHz crystal is connected to the K22F MCU’s RTC oscillator inputs.
Figure 7. 32.768 kHz crystal for RTC
6
Universal Serial Bus (USB)
The MK22FN512VLH12 MCU features a full-speed/low-speed USB module with on-the-go/host/device
capability and built-in transceiver. The FRDM-K22F board routes the USB D+ and D signals from the
MK22FN512VLH12 MCU directly to the onboard micro USB connector (J16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com