Electronic Components Datasheet Search
  English  ▼

X  

FRDMK22FUG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FRDMK22FUG
Description  Freedom Board for Kinetis K22F Hardware (FRDM-K22F)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK22FUG Datasheet(HTML) 1 Page - NXP Semiconductors

  FRDMK22FUG Datasheet HTML 1Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 2Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 3Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 4Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 5Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 6Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 7Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 8Page - NXP Semiconductors FRDMK22FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Freescale Semiconductor, Inc.
User’s Guide
© 2014 Freescale Semiconductor, Inc. All rights reserved.
1
Introduction
The Freescale Freedom development platform is a set of
software and hardware tools for evaluation and
development. It is ideal for rapid prototyping of
microcontroller-based applications. The Freescale Freedom
K22 hardware, FRDM-K22F, is a simple yet sophisticated
design featuring a Kinetis K series microcontroller built on
the ARM® Cortex®-M4 core which features a floating point
unit (FPU).
FRDM-K22F can be used to evaluate the K22FN512,
K22FN256, and K22FN128 Kinetis K series devices. The
FRDM-K22F board features the MK22FN512VLH12
MCU, which boasts a maximum operation frequency of
120 MHz, 512 KB of flash, a 128 KB RAM, a full-speed
USB controller with available crystal-less operation, and
analog and digital peripherals. The FRDM-K22F hardware
is form-factor compatible with the ArduinoTM R3 pin layout,
providing a broad range of expansion board options. The
onboard interface includes a six-axis digital accelerometer
and magnetometer, an RGB LED, and sufficient footprint to
add an optional Bluetooth module (for use over UART), an
RF module (for use over SPI), and an SDHC slot (for use
over SPI).
Document Number: FRDMK22FUG
Rev. 0, 07/2014
Contents
1. Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. FRDM-K22F Hardware Overview . . . . . . . . . . . . . . . 2
3. FRDM-K22F Hardware Description . . . . . . . . . . . . . 4
4. Microcontroller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6. Universal Serial Bus (USB) . . . . . . . . . . . . . . . . . . . . 9
7. Secure Digital Card . . . . . . . . . . . . . . . . . . . . . . . . . . 11
8. Accelerometer and Magnetometer . . . . . . . . . . . . . . 12
9. RGB LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
10. Serial Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
11. Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
12. Push Button Switches . . . . . . . . . . . . . . . . . . . . . . . . 13
13. Debug . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
14. Add-On Modules . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
15. Input/Output Connectors . . . . . . . . . . . . . . . . . . . . . . 15
16. Arduino Compatibility . . . . . . . . . . . . . . . . . . . . . . . 16
17. References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
18. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Freedom Board for Kinetis K22F
Hardware (FRDM-K22F)
User’s Guide


Similar Part No. - FRDMK22FUG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FRDMK64FUG NXP-FRDMK64FUG Datasheet
1Mb / 20P
Dual role USB interface with micro-B USB connector
Rev. 1,08/2016
FRDMKW019032UG NXP-FRDMKW019032UG Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
Rev. 0, 11/2015
FRDMKW24DUG NXP-FRDMKW24DUG Datasheet
3Mb / 30P
FRDM-KW24D512 Freedom Development Platform
Rev. 1, 05/2016
FRDMKW36UG NXP-FRDMKW36UG Datasheet
1Mb / 28P
FRDM-KW36 Freedom Development Board User?셲 Guide
Rev. 4-01/2020
FRDMKW40ZUG NXP-FRDMKW40ZUG Datasheet
2Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
Rev. 2, 10/2015
More results

Similar Description - FRDMK22FUG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P64M120SF5V2 NXP-K22P64M120SF5V2 Datasheet
1Mb / 72P
Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5V2 NXP-K22P80M120SF5V2 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P100M120SF5 NXP-K22P100M120SF5 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P100M120SF5V2 NXP-K22P100M120SF5V2 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P121M100SF9 NXP-K22P121M100SF9 Datasheet
900Kb / 74P
Kinetis K22F 128KB Flash
Rev. 7, 08/2016
K22P121M120SF5 NXP-K22P121M120SF5 Datasheet
1Mb / 75P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P144M120SF5 NXP-K22P144M120SF5 Datasheet
1Mb / 77P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P144M120SF5V2 NXP-K22P144M120SF5V2 Datasheet
1Mb / 77P
Kinetis K22F Sub-Family
Rev 5, 03/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com