Electronic Components Datasheet Search
  English  ▼

X  

MPC8309CVMADDCA Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 22Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 23Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 25Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 26Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 27Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 28Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 29Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
26
Freescale Semiconductor
Ethernet and MII Management
The following figure shows the RMII transmit AC timing diagram.
Figure 15. RMII Transmit AC Timing Diagram
8.2.2.2
RMII Receive AC Timing Specifications
The following table provides the RMII receive AC timing specifications.
Table 23. RMII Receive AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 300mV.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
REF_CLK clock period
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
RXD[1:0], CRS_DV, RX_ER setup time to REF_CLK
tRMRDVKH
4.0
—
—
ns
RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK
tRMRDXKH
2.0
—
—
ns
REF_CLK clock rise VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK clock fall time VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first three letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMRDVKH symbolizes RMII
receive timing (RMR) with respect to the time data input signals (D) reach the valid state (V) relative to the tRMX clock
reference (K) going to the high (H) state or setup time. Also, tRMRDXKL symbolizes RMII receive timing (RMR) with respect
to the time data input signals (D) went invalid (X) relative to the tRMX clock reference (K) going to the low (L) state or hold
time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a
particular functional. For example, the subscript of tRMX represents the RMII (RM) reference (X) clock. For rise and fall times,
the latter convention is used with the appropriate letter: R (rise) or F (fall).
REF_CLK
TXD[1:0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com