Electronic Components Datasheet Search
  English  ▼

X  

MPC8309CVMADDCA Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 64Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 65Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 66Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 67Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 68Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 69Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 70Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 71Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
68
Freescale Semiconductor
Clocking
23.4
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 58 shows the multiplication factor
encodings for the system PLL.
NOTE
System PLL VCO frequency = 2 × (CSB frequency) × (System PLL VCO
divider). The VCO divider needs to be set properly so that the System PLL
VCO frequency is in the range of 450–750 MHz.
As described in Section 23, “Clocking,” the LBCM, DDRCM, and SPMF parameters in the reset
configuration word low select the ratio between the primary clock input (SYS_CLK_IN) and the internal
coherent system bus clock (csb_clk). The following table shows the expected frequency values for the CSB
frequency for selected csb_clk to SYS_CLK_IN ratios.
DDR2 memory bus frequency (MCLK)2
167
MHz
Local bus frequency (LCLKn)3
66
MHz
Notes:
1. The SYS_CLK_IN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting
csb_clk, MCLK, LCLK, and core_clk frequencies do not exceed their respective maximum or minimum operating
frequencies.
2. The DDR2 data rate is 2× the DDR2 memory bus frequency.
3. The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCRR[CLKDIV]) which is in turn 1× or 2×
the csb_clk frequency (depending on RCWL[LBCM]).
Table 58. System PLL Multiplication Factors
RCWL[SPMF]
System PLL Multiplication Factor
0000
Reserved
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111–1111
Reserved
Table 57. Operating Frequencies for MAPBGA (continued)
Characteristic1
Max Operating Frequency
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com