Electronic Components Datasheet Search
  English  ▼

X  

AM336 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM336 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AM336 Datasheet HTML 2Page - Analog Microelectronics AM336 Datasheet HTML 3Page - Analog Microelectronics AM336 Datasheet HTML 4Page - Analog Microelectronics AM336 Datasheet HTML 5Page - Analog Microelectronics AM336 Datasheet HTML 6Page - Analog Microelectronics AM336 Datasheet HTML 7Page - Analog Microelectronics AM336 Datasheet HTML 8Page - Analog Microelectronics AM336 Datasheet HTML 9Page - Analog Microelectronics AM336 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
6/12
frequency it to high the signal detection is not triggered. In case of a too low frequency a pulsed
signal could occur at the output stages.
Connection pins: FO, IRD, P/B
AMPLIFIER:
The input stage for the photo current is a transimpedance–amplifier. His impedance depends on the
input frequency to reject ambient light.
The input current, coming from pin INA, appears multiplied by the impedance between INA and
OUTA at pin OUTA. For low frequencies this impedance is approximately RB (internal resistor)
and for high frequencies RA (external resistor).
Connection pins: INA, OUTA, ALR.
SIGNAL DETECTION STAGE:
The signal of the input stage is connected via a high–pass filter (CIN between OUTA and IND, RIN
internal) to the inputs of comparator A and B (window comparator). The threshold voltages VTA
and VTB and the hysteresis voltages VHA and VHB are generated by a constant current across the
resistors RTA and RTB (RTA = 2 × RTB). The hysteresis is switched by the output signals of the D–
flip–flops. Threshold and hysteresis levels are determined by external resistors (RD RH) and
temperature compensated by an internal voltage reference (VR). The resistors have to be located as
IND
VTB
VTB-VHA
VTA+VHA
VTA
IRD
QO
LED
t
VTB=1.5 *VTA
VHB=1.5*VHA
Figure 2: Functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com