Electronic Components Datasheet Search
  English  ▼

X  

AM336 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM336 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AM336 Datasheet HTML 4Page - Analog Microelectronics AM336 Datasheet HTML 5Page - Analog Microelectronics AM336 Datasheet HTML 6Page - Analog Microelectronics AM336 Datasheet HTML 7Page - Analog Microelectronics AM336 Datasheet HTML 8Page - Analog Microelectronics AM336 Datasheet HTML 9Page - Analog Microelectronics AM336 Datasheet HTML 10Page - Analog Microelectronics AM336 Datasheet HTML 11Page - Analog Microelectronics AM336 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
9/12
AVAILABLE PINOUTS
DELIVERY
• SO16–packaging (standard)
• DIL16–package only for engineering samples
• dice on 5“ blue foil
AM336-1
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
LED
RD
VZ
RS
QO
QC
VCC
RH
FO
I ND
GND
INA
ALR
OUTA
I RD
CSC
AM336-2
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
CSC
LED
RD
RS
QO
QC
VCC
RH
FO
I ND
GND
INA
ALR
OUTA
I RD
P/B
Figure 3: Internal synchronisation only
Figure 4: Internal/external synchronisation
[Z–Diode (pin VZ) available]
[mode selection (pin P/B) available]
3. 06 mm
12
3
4
5
6
7
17
16
1. 93 m m
8
9
15
14
13
10
12
11
Figure 5: Chip Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com