Electronic Components Datasheet Search
  English  ▼

X  

AP5P03LI Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP5P03LI
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5P03LI Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP5P03LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5P03LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP5P03LI
-30V P-Channel Enhancement Mode MOSFET
AP5P03LI REV1.0
永源微電子科技有限公司
Package Mechanical Data-SOT23-6-Single
Symbol
Dimensions In Millimeters
Min.
Max.
A
1.050
1.250
A1
0.000
0.100
A2
1.050
1.150
b
0.300
0.500
C
0.100
0.200
D
2.820
3.020
E
1.500
1.700
E1
2.650
2.950
e
0.950(BSC)
e1
1.800
2.000
L
0.300
0.600
θ
0
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com