Electronic Components Datasheet Search
  English  ▼

X  

AM336-2 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AM336-2
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM336-2 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AM336-2 Datasheet HTML 3Page - Analog Microelectronics AM336-2 Datasheet HTML 4Page - Analog Microelectronics AM336-2 Datasheet HTML 5Page - Analog Microelectronics AM336-2 Datasheet HTML 6Page - Analog Microelectronics AM336-2 Datasheet HTML 7Page - Analog Microelectronics AM336-2 Datasheet HTML 8Page - Analog Microelectronics AM336-2 Datasheet HTML 9Page - Analog Microelectronics AM336-2 Datasheet HTML 10Page - Analog Microelectronics AM336-2 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
7/12
close as possible to the pin to prevent noise. Also, in case of high emission-currents, blocking
capacitors against VCC are useful.
The comparator signals are taken over into the flip–flops with the positive slope of the IRD–signal.
Connections pins: IND, RD, RH
OUTPUT STAGES:
There are two antivalent output drivers for external PNP Darlington transistors with a current
limitation and periodical shut down in case of overload (short circuit protection).
The output signal of the internal flip-flop A (depending on VTA) controls the output drivers. They
consist of current sources which are attached to an internal pull-up resistor. The voltage drop at the
resistor RS, produced by the loading current, is compared with an internal voltage and is used to
limit the loading current. When limitation occurs, the external capacitor CSC is discharged and by
reaching the internal threshold both output drivers are switched off. After loading the capacitor CSC
is discharged and by reaching the threshold both output drivers are switched off. After charging the
capacitor CSC to the upper threshold the output stages are enabled again.
Unused outputs have to be attached to VCC. External PNP Darlington transistors have to be used so
that the necessary potential (VCC–2 × VBE) is available at the outputs in order to limit the loading
current.
Connection pins : QO, QC, RS, CSC
LED DRIVER:
The push–pull driver for the LED indicates the different ranges of the window–comparator or short
circuit of the output stages.
Following conditions are possible:
A
B
SC
LED
X
X
L
T1
short circuit, input voltage at IND has no effect
L
L
H
L
input voltage at IND is higher than VTA and VTB
L
H
H
T2
input voltage is higher than VTA, but smaller than VTB
H
H
H
H
input voltage is smaller than VTA and VTB
Tabelle 3: LED indications
Blinking frequencies for LED:
T1: oscillator frequency for devided by 128
T2: oscillator frequency for devided by 512
Connection pin: LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com