Electronic Components Datasheet Search
  English  ▼

X  

AM336-2 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AM336-2
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM336-2 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AM336-2 Datasheet HTML 4Page - Analog Microelectronics AM336-2 Datasheet HTML 5Page - Analog Microelectronics AM336-2 Datasheet HTML 6Page - Analog Microelectronics AM336-2 Datasheet HTML 7Page - Analog Microelectronics AM336-2 Datasheet HTML 8Page - Analog Microelectronics AM336-2 Datasheet HTML 9Page - Analog Microelectronics AM336-2 Datasheet HTML 10Page - Analog Microelectronics AM336-2 Datasheet HTML 11Page - Analog Microelectronics AM336-2 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
12/12
TYPICAL VALUES
Symbol
Description
Value
Unit
DT
SFH40x; SFH41x; SFH48x; Siemens or GL 360; Sharp
DPH
SHF21x ; SFH22x ; Siemens or PD 480; Sharp
CT, CS
typical; depending on noise caused by emission current
10
µF
RT
68
Ω
RTS
10
Ω
RTD
10
k
Ω
RTD1
820
Ω
RTD2
560
Ω
RO
560
k
Ω
CO
4.7
nF
CA
4.7
nF
CIN
10
nF
CSC
10
nF
Crh,Crd
Blocking Capacitor against Perturbation, Noise 10–100nF
RLED
1
k
Ω
RZD
depending on used supply voltage, IZD max. = 10 mA
4.7
k
Ω
RS
1.5
k
Ω
Tt
BST60; Philips
TOUT
BST60; Philips
TS
BCX51–16; Philips
DZ
Zy47: ITT
DZD
ZPD 6.8; ITT
RD, RH
Threshold approximation:
VTA [V] =800 / (Rd [kΩ])
2
VTB
=1.5 VTA
VHA [V] =(10 × VTA[V] / Rh [kΩ])
VHB
=1.5
× VHA
RA
depends on photodiode–pulse–current, RA [min] = VTA / Ipulse [max]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com