Electronic Components Datasheet Search
  English  ▼

X  

PS9513 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9513
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR INTELLIGENT POWER MODULE DRIVE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9513 Datasheet HTML 1Page - Renesas Technology Corp PS9513 Datasheet HTML 2Page - Renesas Technology Corp PS9513 Datasheet HTML 3Page - Renesas Technology Corp PS9513 Datasheet HTML 4Page - Renesas Technology Corp PS9513 Datasheet HTML 5Page - Renesas Technology Corp PS9513 Datasheet HTML 6Page - Renesas Technology Corp PS9513 Datasheet HTML 7Page - Renesas Technology Corp PS9513 Datasheet HTML 8Page - Renesas Technology Corp PS9513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R08DS0126EJ0203 Rev.2.03
Page 1 of 16
Oct 29, 2018
Data Sheet
PS9513, PS9513L1, PS9513L2, PS9513L3
1 Mbps, OPEN COLLECTOR OUTPUT, FOR INTELLIGENT POWER MODULE DRIVE
8-PIN DIP HIGH-SPEED PHOTOCOUPLER
DESCRIPTION
The PS9513, PS9513L1, PS9513L2 and PS9513L3 are optically coupled isolators containing an AlGaAs LED on the
input side and a photo diode and a signal processing circuit on the output side on one chip.
The PS9513 is designed specifically for high common mode transient immunity (CMR) and low pulse width distortion
with operating temperature. It is suitable for IPM drive.
The PS9513L1 is lead bending type for long creepage distance.
The PS9513L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9513L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
 Long creepage distance (8 mm MIN. : PS9513L1, PS9513L2)
 High common mode transient immunity (CMH, CML = ±15 kV/µs MIN)
 High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
 Propagation Delay Difference (tPLH – tPHL = 270 ns TYP.)
 Pulse width distortion (|tPHL – tPLH| = 270 ns TYP.)
 Open collector output
 Ordering number of tape product : PS9513L2-E3 : 1 000 pcs/reel
: PS9513L3-E3 : 1 000 pcs/reel
 Pb-Free product
 Safety standards
- UL approved: UL1577, Double protection
- CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
- BSI approved: BS EN 62368-1, Reinforced insulation
- SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
- NEMKO approved: EN 62368-1, Reinforced insulation
- DEMKO approved: EN 62368-1, Reinforced insulation
- FIMKO approved: EN 62368-1, Reinforced insulation
- VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
 IPM Driver
 General purpose inverter
Start of mass production
Jun-2006
R08DS0126EJ0203
Rev.2.03
Oct 29, 2018
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
1
2
4
3
6
5
8
7
PIN CONNECTIONS
(Top View)


Similar Part No. - PS9513

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9513 RENESAS-PS9513 Datasheet
181Kb / 21P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
logo
California Eastern Labs
PS9513-AX CEL-PS9513-AX Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513-V CEL-PS9513-V Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9513-V RENESAS-PS9513-V Datasheet
181Kb / 21P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
More results

Similar Description - PS9513

ManufacturerPart #DatasheetDescription
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9713 CEL-PS9713 Datasheet
70Kb / 7P
1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com