Electronic Components Datasheet Search
  English  ▼

X  

PS9513 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9513
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR INTELLIGENT POWER MODULE DRIVE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9513 Datasheet HTML 6Page - Renesas Technology Corp PS9513 Datasheet HTML 7Page - Renesas Technology Corp PS9513 Datasheet HTML 8Page - Renesas Technology Corp PS9513 Datasheet HTML 9Page - Renesas Technology Corp PS9513 Datasheet HTML 10Page - Renesas Technology Corp PS9513 Datasheet HTML 11Page - Renesas Technology Corp PS9513 Datasheet HTML 12Page - Renesas Technology Corp PS9513 Datasheet HTML 13Page - Renesas Technology Corp PS9513 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PS9513, PS9513L1, PS9513L2, PS9513L3
R08DS0126EJ0203 Rev.2.03
Page 10 of 16
Oct 29, 2018
Remark The graphs indicate nominal characteristics.
0
100
200
150
50
250
300
350
450
400
-40
-20
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
0
50
100
300
500
700
200
400
600
800
900
0
10
20
30
40
50
0
50
200
150
300
400
500
100
250
350
450
0
5
10
15
20
25
IF = 10mA
Vcc = 15V
CL = 100pF
RL = 20KΩ
tPLH
tPHL
PWD
IF = 10mA
Vcc = 15V
CL = 100pF
tPLH
tPLH-tPHL
tPLH-tPHL
tPHL
IF = 10mA
Vcc = 5V
CL = 15pF
tPLH
tPHL
IF = 10mA
Vcc = 15V
RL = 20KΩ
tPLH
tPHL
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. SUPPLY VOLTAGE
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. LOAD CAPACITANCE
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. LOAD RESISTANCE
PROPAGATION DELAY TIME,
PROPAGATION DELAY DIFFERENCE
vs. LOAD RESISTANCE
Ambient Temperature TA (°C)
Supply Voltage Vcc (V)
Load Capacitance CL (pF)
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
IF = 10mA
CL = 100pF
RL = 20KΩ
tPLH
tPLH-tPHL
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com