Electronic Components Datasheet Search
  English  ▼

X  

FP90RC Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # FP90RC
Description  Dual Channel Conductivity/Resistivity Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FP90RC Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  FP90RC Datasheet HTML 1Page - Omega Engineering, Inc. FP90RC Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-29
U.S.A. and Canada
For Sales
& Service
Our Conductivity Instruments product line continues
to expand, visit omega.com for new details!
Features
U
2-Channel Input
U
Simultaneous Display
U
AC Line-Voltage or DC Powered
U
Display and/or Control: µS, mS, PPM
or PPB (TDS), kΩ, MΩ, % Rejection,
Difference, Ratio, °C or °F
U
3 Fully Scalable
4 to 20 mA Outputs
U
Up to 4 Programmable Relays
U
Time Delay Relay Function
U
Proportional Pulse
Control Capability
U
Meets USP Requirements
U
Programmable Temperature
Compensation
U
Output Simulation for Complete
System Testing
U
Simple Push-Button Operation
U 1
⁄4 DIN, NEMA 4X (IP65) Enclosure
with Self-Healing Window
Application
U
RO/DI System Control
U
Demineralizer Regeneration
and Rinse
U
Scrubber, Cooling Tower
and Boiler Protection
U
Chemical Concentration
U
Rinse Tank Water Quality
U
Desalinization
U
Leak Detection
U
Aquatic Animal
Life Support Systems
U
Aquaculture
U
Environmental Studies
Installation
U
Front Panel provides
NEMA 4X (IP65) protection
U
Standard 1⁄4 DIN panel cutout
U
102 mm (4") mounting depth
U
Optional NEMA 4X (IP65) rear cover
kit with knockout ports
for cable access
U
158 mm (6.3") mounting depth with
optional rear cover installed
Dual Channel Conductivity/
Resistivity Controller
CDCN-91, shown actual size.
CDCN-91 Series
Specifications
General
Compatible Sensors: CDCE-90 Series
standard conductivity/resistivity sensors
Operating Range:
Conductivity: 0.055 to 400,000 µS/cm
Resistivity: 10 kΩ/cm to 18.26 MΩ/cm
(0.055 to 100 µS/cm)
TDS: 0.001 to 999999 ppm or ppb
(display limit)
Temperature: PT1000: -25 to 120°C
(-13 to 248°F)
Accuracy:
Conductivity/Resistivity:
±2% of reading
Temperature: ±0.5°C
Power Requirements:
100 to 240 Vac:
±10%, 50 to 60 Hz, 20 VA
11 to 24 Vdc: ±10% reg., 0.5A max
Display: Alphanumeric 2 x 16 LCD
Contrast: User selected, 5 levels
Update rate: 1.5 seconds
Current Outputs: (3 each) 4 to 20 mA,
isolated, fully adjustable and reversible
Max Loop Impedance: 150 Ω @ 12V,
450 Ω @ 18V, 750 Ω @ 24V
Update Rate: Approx. 100 mS
Accuracy: ±0.03 mA @ 25°C, 24 Vdc
Open Collector Outputs: (2 each)
Isolated, 50 mA sink or source, 30 Vdc
max pull-up voltage
Operational Settings: Hi, Lo, USP,
Pulse, Off
Hysteresis: User adjustable
Time Delay: 0 to 6400 seconds
Maximum Pulse Rate:
400 pulses/minute
Alarm Contacts: (up to 4 each)
SPDT Relays
Maximum Voltage Ratings:
5A @ 30 Vdc or 5A @ 250 Vac
Operational Settings: Hi, Lo, USP,
Pulse, Off
ELECTRONICS
The CDCN-91 Series dual channel
conductivity/resistivity controller is a
two-channel input device equipped with
three scalable 4 to 20 mA outputs and
four programmable relays. A selector
switch activates two open collector
outputs in place of two of the relays for
extraordinary output versatility. Dual
input and advanced control capability,
including percent rejection, difference
and ratio calculations, together with
the CDCE-91 Series conductivity
sensors listed below, form the perfect
measurement and control system for
water treatment applications and more.
Two versions are available: one accepts
AC line-voltage, the other low voltage
DC for power. The four-button keypad
arrangement with intuitive software
design is user-friendly, and the NEMA 4X
(IP65) integrity of the front panel can be
extended to the entire enclosure by using
the optional rear cover kit.


Similar Part No. - FP90RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP90 ETC2-FP90 Datasheet
265Kb / 2P
fan filter assemblies - PMFA T Series
logo
API Technologies Corp
FP9019 APITECH-FP9019 Datasheet
76Kb / 1P
RF AMPLIFIER MODEL
FP9054 APITECH-FP9054 Datasheet
109Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP90RC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
NEC
EP2F NEC-EP2F Datasheet
90Kb / 8P
HIGH HEAT RESISTIVITY
logo
Keysight Technologies
16008B KEYSIGHT-16008B Datasheet
51Kb / 1P
Resistivity Cell
logo
NEC
ET2F-B3M1S NEC-ET2F-B3M1S Datasheet
158Kb / 12P
HIGH HEAT RESISTIVITY
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
logo
Greystone Energy System...
WLD2C GREYSTONE-WLD2C Datasheet
1Mb / 2P
WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
logo
Endress+Hauser Group Se...
CLM223 EH-CLM223 Datasheet
869Kb / 20P
Conductivity/resistivity measurement
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com