Electronic Components Datasheet Search
  English  ▼

X  

FP90RC Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # FP90RC
Description  Dual Channel Conductivity/Resistivity Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FP90RC Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  FP90RC Datasheet HTML 1Page - Omega Engineering, Inc. FP90RC Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-30
Order Online
Over 100,000 Products Available!
omega.com®
To download information and to order Conductivity
Instrument products online, visit omega.com
102
(4.0)
56
(2.2)
96 (3.8)
96
(3.8)
Panel Cutout
92 x 92
(+ 0.8, - 0)
3.6 x 3.6
(+0.031, -0)
Optional
Rear Cover
FP90-4X
Panel
Model No.
Description
FP90-4X
NEMA 4X (IP65) rear cover kit
FPM-5000-LTCK
Liquid-tight kit for rear cover
CDCN-91-WMB
Wall mount bracket
FPM-5000-MB
Surface mount bracket
FP90RC
RC filter kit for relays
CDCE-90-001
Conductivity cell constant = 0.01
CDCE-90-01
Conductivity cell constant = 0.1
CDCE-90-1
Conductivity cell constant = 1.0
CDCE-90-10
Conductivity cell constant = 10.0
CDCE-90-20
Conductivity cell constant = 20.0
Comes complete with mounting bracket, panel gasket and operator’s manual.
Additional cells available.
Ordering Example: CDCN-91 conductivity/resistivity controller DC power,
with
CDCE-90-1 conductivity cell constant.
Accessories
gasket
Rear Cover
4-screws
RELA
Y 1
RELA
Y 2
RELA
Y 3
RELA
Y 4
N/C
N/O
COM
N/C
N/O
COM
N/C
N/O
COM
N/C
N/O
COM
PO
ER
L
N
-
+
cae
L
gt
Coector
orere
searate
3-8860.540 Dual Channel Conductivity
rear terminal pad-printing artwork
4/24/00 REV. E4 SG
RELAY 1
RELAY 2
RELAY 3
RELAY 4
N/C N/O COM
N/C N/O COM
N/C N/O COM
N/C N/O COM
POWER
Æ
REAR OF ENCLOSURE
L
N
-
+
11 - 24
A
L
N
-
+
3-8860.610A 4/00
1
- 24
-
2A
~
Optional heavy-duty
wall mount bracket
CDCN-91-WMB.
Optional surface
mounting bracket
FPM-5000-MB.
quick-clip
gasket on
front side
of panel
panel
terminals
mounting
bracket
RELA
Y 1
RELA
Y 2
RELA
Y 3
RELA
Y 4
N/C
N/O
COM
N/C
N/O
COM
N/C
N/O
COM
N/C
N/O
COM
PO
ER
L
N
-
+
Panel mounting bracket and
panel gasket are included.
Liquid tight
connector kit
3 sets per kit,
FPM-5000-LTCK
Use with optional
NEMA 4X (IP65)
rear cover kit,
FP90-4X.
Note: This label
appears on the side
of the instrument case
Dimensions: mm (inch)
To Order
Model No.
Description
CDCN-91
Conductivity/resistivity controller DC power
CDCN-91AC
Conductivity/resistivity controller AC/DC power
Hysteresis: User adjustable
Time Delay: 0 to 6400 seconds
Maximum Pulse Rate:
400 pulses/minute
Enclosure
Rating: NEMA 4X (IP65) front and
back with optional NEMA 4X (IP65)
rear cover kit
Materials:
Case: PBT
Window: Polyurethane-coated
polycarbonate
Keypad: Sealed 4-key silicone rubber
Weight:
CDCN-91AC: Approx. 581 g (20.5 oz)
CDCN-91: Approx. 544 g (19.2 oz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com