Electronic Components Datasheet Search
  English  ▼

X  

USB2513 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2513
Description  USB 2.0 High-Speed 3-Port Hub Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2513 Datasheet HTML 7Page - SMSC Corporation USB2513 Datasheet HTML 8Page - SMSC Corporation USB2513 Datasheet HTML 9Page - SMSC Corporation USB2513 Datasheet HTML 10Page - SMSC Corporation USB2513 Datasheet HTML 11Page - SMSC Corporation USB2513 Datasheet HTML 12Page - SMSC Corporation USB2513 Datasheet HTML 13Page - SMSC Corporation USB2513 Datasheet HTML 14Page - SMSC Corporation USB2513 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
USB 2.0 High-Speed 3-Port Hub Controller
Datasheet
SMSC USB2513
11
Revision 1.98 (11-19-07)
DATASHEET
BOOST[1:0], If this strap is enabled by package and
configuration settings (see Table 3.2), this pin will be
sampled at RESET_N negation to determine if all PHY
ports (upstream and downstream) operate at a normal
or boosted electrical level. Also, the active state of the
LEDs will be determined as follows:
See for BOOST values: Section 4.3.1.26, "Register F6h:
Boost_Up" and Section 4.3.1.27, "Register F8h:
Boost_3:0".
BOOST[1:0] = BOOST_IOUT[1:0]
BOOST[1:0] = ‘00’,
LED_B2_N is active high,
LED_B1_N is active high.
BOOST[1:0] = ‘01’,
LED_B2_N is active high,
LED_B1_N is active low.
BOOST[1:0] = ‘10’,
LED_B2_N is active low,
LED_B1_N is active high.
BOOST[1:0] = ‘11’,
LED_B2_N is active low,
LED_B1_N is active low.
PRTPWR_POL
n/a
38
IPU
Port Power Polarity strapping
Port Power Polarity strapping determination for the
active signal polarity of the [3:1]PRTPWR pins.
While RESET_N is asserted, the logic state of this pin
will (through the use of internal combinatorial logic)
determine the active state of the [3:1]PRTPWR pins in
order to ensure that downstream port power is not
inadvertently enabled to inactive ports during a
hardware reset.
When RESET_N is negated, the logic value will be
latched internally, and will retain the active signal polarity
for the PRTPWR[3:1] pins.
‘1’ = PRTPWR[3:1]_P/N pins have an active ‘high’
polarity
‘0’ = PRTPWR[3:1]_P/N pins have an active ‘low’
polarity
Warning: Active Low port power controllers may glitch
the downstream port power when system power is first
applied. Care should be taken when designing with
active low components!
Note:
If PRTPWR_POL is not an available pin on the
package, the hub will support active high
power controllers only!
OCS[3:1]_N
19
17
13
26
20
16
IPU
Over Current Sense
Input from external current monitor indicating an over-
current condition.
{Note: Contains internal pull-up to 3.3V supply}
Table 3.1 USB2514 Pin Descriptions (continued)
SYMBOL
36 QFN
48 QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com