Electronic Components Datasheet Search
  English  ▼

X  

USB2513 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2513
Description  USB 2.0 High-Speed 3-Port Hub Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2513 Datasheet HTML 10Page - SMSC Corporation USB2513 Datasheet HTML 11Page - SMSC Corporation USB2513 Datasheet HTML 12Page - SMSC Corporation USB2513 Datasheet HTML 13Page - SMSC Corporation USB2513 Datasheet HTML 14Page - SMSC Corporation USB2513 Datasheet HTML 15Page - SMSC Corporation USB2513 Datasheet HTML 16Page - SMSC Corporation USB2513 Datasheet HTML 17Page - SMSC Corporation USB2513 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
USB 2.0 High-Speed 3-Port Hub Controller
Datasheet
Revision 1.98 (11-19-07)
14
SMSC USB2513
DATASHEET
SUSP_IND/
LOCAL_PWR/
NON_REM0
28
39
I/O
Active/Suspend status LED or Local-Power & Non
Removable Strap Option
Suspend Indicator: Indicates USB state of the hub.
‘negated’ = Unconfigured, or configured and in USB
Suspend
‘asserted’ = Hub is configured, and is active (i.e., not in
suspend)
Local Power: Detects availability of local self-power
source.
Low = Self/local power source is NOT available (i.e.,
Hub gets all power from Upstream USB VBus).
High = Self/local power source is available.
NON_REM0 Strap Option:
If this strap is enabled by package and configuration
settings (see Table 3.2), this pin will be sampled (in
conjunction with NON_REM1) at RESET_N negation to
determine if ports [3:1] contain permanently attached
(non-removable) devices. Also, the active state of the
LED will be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable, and the
LED is active high
NON_REM[1:0] = ‘01’, Port 1 is nonremovable, and the
LED is active low
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable,
and the LED is active high
NON_REM[1:0] = ‘11’, Ports 1, 2 & 3 are non-
removable, and the LED is active low
TEST
11
14
IPD
TEST pin
XNOR continuity tests all signal pins on the hub, please
contact your SMSC representative for a detailed
description of how this test mode is enabled and utilized.
SEL48
n/a
40
I
Select 48 MHz clock input
48MHz external clock input select. When the hub is
clocked from an external clock source, this pin selects
either 24MHz or 48MHz mode.
‘0’ = 24MHz
‘1’ = 48MHz
REG_EN
n/a
11
IPU
Regulator Enable
REG_EN: This pin is internally pulled up to enable the
internal 1.8V regulators, and this pin should be treated
as a no-connect.
In order to disable the regulators, this pin will need to be
externally connected to ground.
When the internal regulator is enabled, the 1.8V power
pins must be left unconnected, except for the required
bypass capacitors.
Table 3.1 USB2514 Pin Descriptions (continued)
SYMBOL
36 QFN
48 QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com