Electronic Components Datasheet Search
  English  ▼

X  

8204591 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8204591
Description  Mass flow controller (MFC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8204591 Datasheet(HTML) 1 Page - Festo Corporation.

  8204591 Datasheet HTML 1Page - Festo Corporation. 8204591 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mass flow controller (MFC)
VEFC-L-6-100-D31-Q10-Q10-MRM1
Part number: 8204591
General operating condition
Data sheet
Feature
Value
Degree of protection
IP20
Flow rate control range
5 l/min ... 100 l/min
Note on the flow rate control range
N2 equivalent, the specified dynamic and accuracy values apply to
setpoint values >10 %FS
Flow direction
Non-reversible
Operating pressure
0.6 MPa
Operating pressure
6 bar
Overload pressure
0.8 MPa
Overload pressure
8 bar
Overload pressure
116 psi
Burst pressure
2.1 MPa
Burst pressure
21 bar
Burst pressure
305 psi
Inlet pressure 1 MPa
0.1 MPa ... 0.7 MPa
Inlet pressure 1
1 bar ... 7 bar
Inlet pressure 1 psi
14.5 psi ... 101.5 psi
Output pressure 2
-0.1 MPa ... 0.35 MPa
Outlet pressure 2
-1 bar ... 3.5 bar
Output pressure 2
-14.5 psi ... 50.8 psi
Suitability for vacuum
yes
Valve function
2-way proportional flow control valve
Actuation type
Electrical
Pneumatic connection 1
QS-10
Pneumatic connection 2
QS-10
Total leakage
0.6 l/h
Note on total leakage
standardized according to SEMI E16 tested with CDA
Relative air humidity
5 - 85 %
Non-condensing
Climatic category
3K22 as per EN 60721
Nominal altitude of use above sea level
<= 2000 m NHN
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Temperature of medium
5 °C ... 50 °C
Ambient temperature
5 °C ... 50 °C
Storage temperature
-20 °C ... 60 °C
Nominal operating voltage DC
24 V
4/6/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8204591

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8204590 FESTO-8204590 Datasheet
75Kb / 2P
Mass flow controller (MFC)
8204592 FESTO-8204592 Datasheet
74Kb / 2P
Mass flow controller (MFC)
8204593 FESTO-8204593 Datasheet
74Kb / 2P
Mass flow controller (MFC)
More results

Similar Description - 8204591

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFC3000 ETC2-SFC3000 Datasheet
159Kb / 8P
High performance digital Mass Flow Controller
logo
MKS Instruments.
1579 MKS-1579 Datasheet
178Kb / 4P
DIGITAL MASS FLOW CONTROLLER FOR HIGH FLOW RATES
GE50A MKS-GE50A Datasheet
500Kb / 4P
FLASTOMER SEALED, DIGITAL MASS FLOW CONTROLLER
GM50A MKS-GM50A Datasheet
452Kb / 4P
METAL SEALED, DIGITAL MASS FLOW CONTROLLER
GM100A MKS-GM100A Datasheet
409Kb / 4P
METAL SEALED, DIGITAL MASS FLOW CONTROLLER
GV50A MKS-GV50A Datasheet
412Kb / 4P
ELASTOMER SEALED, DIGITAL MASS FLOW CONTROLLER
IE50A MKS-IE50A Datasheet
518Kb / 4P
IP66 RATED, ELASTOMER SEALED, DIGITAL MASS FLOW CONTROLLER
IM50A MKS-IM50A Datasheet
522Kb / 4P
IP66 RATED, METAL SEALED, DIGITAL MASS FLOW CONTROLLER
IM100A MKS-IM100A Datasheet
520Kb / 4P
IP66 RATED, METAL-SEALED, DIGITAL MASS FLOW CONTROLLER
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com