Electronic Components Datasheet Search
  English  ▼

X  

8204591 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8204591
Description  Mass flow controller (MFC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8204591 Datasheet(HTML) 2 Page - Festo Corporation.

  8204591 Datasheet HTML 1Page - Festo Corporation. 8204591 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
DC operating voltage range
24 V
Max. current consumption
65 mA
Max. electrical power consumption
1.6 W
Note on power consumption
Typical <1 W
Overvoltage category
II
Residual ripple
± 10%
Electrical connection 1, function
Analog output
Analog input
Communication
Power supply
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
Sub-D
Electrical connection 1, number of pins/wires
9
Setpoint input
0 - 5 V
0 - 10 V
1 - 5 V
4 - 20 mA
Modbus RTU
Protection against direct and indirect contact
PELV
Display type
LED
Reverse polarity protection
for operating voltage
Overall accuracy
1.5 %FS
Reproducibility
0.2 %FS
Linearity
1.5 %FS
Hysteresis
0.15 %FS
Overshoot
2 %FS
Settling time
500 ms
Step response time
500 ms
Note on the measured variable
Dynamic characteristic values according to SEMI E17 with preset
"fast". The dead time, the step response and the settling time may be
increased in the event of setpoint changes from a closed valve state or
when the back pressure is above atmospheric.
Product weight
250 g
Note on materials
RoHS-compliant
Dimensions W x L x H
24 mm x 114.6 mm x 97 mm
Application note
The product is suitable for industrial purposes only. Radio interference
suppression measures may be required in residential areas.
For indoor use only
Material fire test
UL94 HB
Contamination level
2
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
KC characters
KC EMC
KC approval number EMC/radio
FTO-KC-2024-1003
LABS (PWIS) conformity
VDMA24364 zone III
Suitability for the production of Li-ion batteries
Suitable for battery production with reduced Cu/Zn/Ni values (F1a)
4/6/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com