Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 3Page - Texas Instruments TMS320DM641 Datasheet HTML 4Page - Texas Instruments TMS320DM641 Datasheet HTML 5Page - Texas Instruments TMS320DM641 Datasheet HTML 6Page - Texas Instruments TMS320DM641 Datasheet HTML 7Page - Texas Instruments TMS320DM641 Datasheet HTML 8Page - Texas Instruments TMS320DM641 Datasheet HTML 9Page - Texas Instruments TMS320DM641 Datasheet HTML 10Page - Texas Instruments TMS320DM641 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
Contents
7
June 2003 − Revised October 2005
SPRS222E
Section
Page
4.12
Multichannel Buffered Serial Port (McBSP)
137
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12.1
McBSP Peripheral Register Description(s)
137
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12.2
McBSP Electrical Data/Timing
139
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12.2.1
Multichannel Buffered Serial Port (McBSP) Timing
139
. . . . . . . . . . .
4.13
Video Port
146
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.1
Video Port Device-Specific Information
146
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.2
Video Port Peripheral Register Description(s)
146
. . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.3
Video Port (VP0 [DM641/DM640], VP1 [DM641 Only]) Electrical
Data/Timing
149
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.3.1
VCLKIN Timing (Video Capture Mode)
149
. . . . . . . . . . . . . . . . . . . . .
4.13.3.2
Video Data and Control Timing (Video Capture Mode)
150
. . . . . . . .
4.13.3.3
VCLKIN Timing (Video Display Mode)
151
. . . . . . . . . . . . . . . . . . . . . .
4.13.3.4
Video Control Input/Output and Video Display Data Output
Timing With Respect to VPxCLKINx and VPxCLKOUTx
(Video Display Mode)
151
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.3.5
Video Dual-Display Sync Mode Timing (With Respect to
VPxCLKINx)
153
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14
VCXO Interpolated Control (VIC)
154
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14.1
VIC Device-Specific Information
154
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14.2
VIC Peripheral Register Description(s)
154
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14.3
VIC Electrical Data/Timing
155
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14.3.1
STCLK Timing
155
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.15
Ethernet Media Access Controller (EMAC)
156
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.15.1
EMAC Device-Specific Information
156
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.15.2
EMAC Peripheral Register Description(s)
156
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.15.3
EMAC Electrical Data/Timing
160
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.16
Management Data Input/Output (MDIO)
162
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.16.1
Device-Specific Information
162
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.16.2
Peripheral Register Description(s)
162
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.16.3
Management Data Input/Output (MDIO) Electrical Data/Timing
163
. . . . . . . . . . . .
4.17
Timer
164
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.17.1
Timer Device-Specific Information
164
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.17.2
Timer Peripheral Register Description(s)
164
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.17.3
Timer Electrical Data/Timing
165
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.18
General-Purpose Input/Output (GPIO)
166
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.18.1
GPIO Device-Specific Information
166
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.18.2
GPIO Peripheral Register Description(s)
167
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.18.3
General-Purpose Input/Output (GPIO) Electrical Data/Timing
167
. . . . . . . . . . . . .
4.19
JTAG
168
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.19.1
JTAG Device-Specific Information
168
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.19.1.1
IEEE 1149.1 JTAG Compatibility Statement
168
. . . . . . . . . . . . . . . . .
4.19.1.2
JTAG ID Register Description
168
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.19.2
JTAG Peripheral Register Description(s)
169
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.19.3
JTAG Test-Port Electrical Data/Timing
169
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Mechanical Data
170
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Thermal Data
170
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com