| Electronic Components Datasheet Search |
|
TMS320DM641 Datasheet(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 Datasheet(HTML) 109 Page - Texas Instruments |
|
109 / 179 page ![]() External Memory Interface (EMIIF) 109 June 2003 − Revised October 2005 SPRS222E 4.8.3.2 Programmable Synchronous Interface Timing Table 4−24. Timing Requirements for Programmable Synchronous Interface Cycles for EMIFA Module (see Figure 4−21) NO. −400 −500 −600 UNIT NO. MIN MAX MIN MAX UNIT 6 tsu(EDV-EKOxH) Setup time, read AEDx valid before AECLKOUTx high 3.1 2 ns 7 th(EKOxH-EDV) Hold time, read AEDx valid after AECLKOUTx high 1.8 1.5 ns Table 4−25. Switching Characteristics Over Recommended Operating Conditions for Programmable Synchronous Interface Cycles for EMIFA Module† (see Figure 4−21−Figure 4−23) NO. PARAMETER −400 −500 −600 UNIT NO. PARAMETER MIN MAX MIN MAX UNIT 1 td(EKOxH-CEV) Delay time, AECLKOUTx high to ACEx valid 1.1 6.4 1.1 4.9 ns 2 td(EKOxH-BEV) Delay time, AECLKOUTx high to ABEx valid 6.4 4.9 ns 3 td(EKOxH-BEIV) Delay time, AECLKOUTx high to ABEx invalid 1.1 1.1 ns 4 td(EKOxH-EAV) Delay time, AECLKOUTx high to AEAx valid 6.4 4.9 ns 5 td(EKOxH-EAIV) Delay time, AECLKOUTx high to AEAx invalid 1.1 1.1 ns 8 td(EKOxH-ADSV) Delay time, AECLKOUTx high to ASADS/ASRE valid 1.1 6.4 1.1 4.9 ns 9 td(EKOxH-OEV) Delay time, AECLKOUTx high to ASOE valid 1.1 6.4 1.1 4.9 ns 10 td(EKOxH-EDV) Delay time, AECLKOUTx high to AEDx valid 6.4 4.9 ns 11 td(EKOxH-EDIV) Delay time, AECLKOUTx high to AEDx invalid 1.1 1.1 ns 12 td(EKOxH-WEV) Delay time, AECLKOUTx high to ASWE valid 1.1 6.4 1.1 4.9 ns † The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC): − Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency − Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency − ACEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, ACEx goes inactive after the final command has been issued (CEEXT = 0). For synchronous FIFO interface with glue, ACEx is active when ASOE is active (CEEXT = 1). − Function of ASADS/ASRE (RENEN): For standard SBSRAM or ZBT SRAM interface, ASADS/ASRE acts as ASADS with deselect cycles (RENEN = 0). For FIFO interface, ASADS/ASRE acts as ASRE with NO deselect cycles (RENEN = 1). − Synchronization clock (SNCCLK): Synchronized to AECLKOUT1 or AECLKOUT2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |