Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 173 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 169Page - Texas Instruments TMS320DM641 Datasheet HTML 170Page - Texas Instruments TMS320DM641 Datasheet HTML 171Page - Texas Instruments TMS320DM641 Datasheet HTML 172Page - Texas Instruments TMS320DM641 Datasheet HTML 173Page - Texas Instruments TMS320DM641 Datasheet HTML 174Page - Texas Instruments TMS320DM641 Datasheet HTML 175Page - Texas Instruments TMS320DM641 Datasheet HTML 176Page - Texas Instruments TMS320DM641 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 179 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TMS320DM640AGDK4
ACTIVE
FCBGA
GDK
548
60
TBD
SNPB
Level-4-220C-72 HR
TMS320DM640AGNZ4
ACTIVE
FCBGA
GNZ
548
40
TBD
SNPB
Level-4-220C-72 HR
TMS320DM640AGNZA4
ACTIVE
FCBGA
GNZ
548
40
TBD
SNPB
Level-4-220C-72 HR
TMS320DM640AZDK4
ACTIVE
FCBGA
ZDK
548
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM640AZDKA4
ACTIVE
FCBGA
ZDK
548
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM640AZNZ4
ACTIVE
FCBGA
ZNZ
548
40
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM640AZNZA4
ACTIVE
FCBGA
ZNZ
548
40
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM640GDK400
OBSOLETE
FCBGA
GDK
548
TBD
Call TI
Call TI
TMS320DM640GNZ400
ACTIVE
FCBGA
GNZ
548
TBD
Call TI
Call TI
TMS320DM641AGDK5
ACTIVE
FCBGA
GDK
548
60
TBD
SNPB
Level-4-220C-72 HR
TMS320DM641AGDK6
ACTIVE
FCBGA
GDK
548
60
TBD
SNPB
Level-4-220C-72 HR
TMS320DM641AGNZ5
ACTIVE
FCBGA
GNZ
548
40
TBD
SNPB
Level-4-220C-72 HR
TMS320DM641AGNZ6
ACTIVE
FCBGA
GNZ
548
40
TBD
SNPB
Level-4-220C-72 HR
TMS320DM641AZDK6
ACTIVE
FCBGA
ZDK
548
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM641AZNZ5
ACTIVE
FCBGA
ZNZ
548
40
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM641AZNZ6
ACTIVE
FCBGA
ZNZ
548
40
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-260C-72HR
TMS320DM641GDK500
OBSOLETE
FCBGA
GDK
548
TBD
Call TI
Call TI
TMS320DM641GDK600
OBSOLETE
FCBGA
GDK
548
TBD
Call TI
Call TI
TMS320DM641GNZ500
OBSOLETE
FCBGA
GNZ
548
TBD
Call TI
Call TI
TMS320DM641GNZ600
ACTIVE
FCBGA
GNZ
548
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
10-Apr-2008
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com