Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM640 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 43Page - Texas Instruments TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments TMS320DM640 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 179 page
background image
Pin Assignments
47
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
EMIFA (32-BIT) − ADDRESS
AEA22
U23
U23
EMIFA
t
l dd
(d bl
d dd
)
AEA21
V24
V24
EMIFA external address (doubleword address)
EMIFA address numbering for the DM641/DM640 devices start with AEA3 to
AEA20
V25
V25
EMIFA address numbering for the DM641/DM640 devices start with AEA3 to
maintain signal name compatibility with other C64x™ devices (e.g., C6414,
AEA19
V26
V26
maintain signal name compatibility with other C64x devices (e.g., C6414,
C6415, and C6416) [see the 32-bit EMIF addressing scheme in the
TMS320C6000 DSP E t
l M
I t f
(EMIF) R f
G id
AEA18
V23
V23
TMS320C6000 DSP External Memory Interface (EMIF) Reference Guide
(literature number SPRU266)]
AEA17
U24
U24
(literature number SPRU266)].
AEA16
U25
U25
Boot Configuration:
Controls initialization of DSP modes at reset (I) via pullup/pulldown
AEA15
U26
U26
• Controls initialization of DSP modes at reset (I) via pullup/pulldown
resistors
AEA14
T24
T24
resistors
− Boot mode (AEA[22:21]):
AEA13
T25
T25
O/Z
IPD
Boot mode (AEA[22:21]):
00 – No boot (default mode)
01
HPI [DM641 only]; Reserved [For DM640 device]
AEA12
R23
R23
O/Z
IPD
01 − HPI [DM641 only]; Reserved [For DM640 device]
10 − Reserved
AEA11
R24
R24
10 − Reserved
11 − EMIFA 8−bit ROM boot
AEA10
P23
P23
8 b
O boo
EMIF clock select
AEA9
P24
P24
− EMIF clock select
AEA8
P26
P26
− AEA[20:19]: Clock mode select for EMIFA (AECLKIN_SEL[1:0])
AEA7
N23
N23
[]
(
_
[])
00 – AECLKIN (default mode)
01
CPU/4 Clock Rate
AEA6
N24
N24
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
AEA5
N26
N26
10 − CPU/6 Clock Rate
11 − Reserved
AEA4
M23
M23
For more details see the Device Configurations section of this data sheet
AEA3
M24
M24
For more details, see the Device Configurations section of this data sheet.
EMIFA (32-BIT) − DATA
AED31
C26
C26
AED30
C25
C25
AED29
D26
D26
AED28
D25
D25
AED27
E24
E24
AED26
E25
E25
AED25
F24
F24
AED24
F25
F25
AED23
F23
F23
I/O/Z
IPU
EMIFA external data
AED22
F26
F26
I/O/Z
IPU
EMIFA external data
AED21
G24
G24
AED20
G25
G25
AED19
G23
G23
AED18
G26
G26
AED17
H23
H23
AED16
H24
H24
AED15
C19
C19
AED14
D19
D19
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com