Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM640 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments TMS320DM640 Datasheet HTML 51Page - Texas Instruments TMS320DM640 Datasheet HTML 52Page - Texas Instruments TMS320DM640 Datasheet HTML 53Page - Texas Instruments TMS320DM640 Datasheet HTML 54Page - Texas Instruments TMS320DM640 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 179 page
background image
Pin Assignments
51
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
ETHERNET MAC (EMAC)
MRCLK
G1
G1
I
EMAC Media Independent I/F (MII) data, clocks, and control pins for
MCRS
H3
H3
I
p/ (
)
,
,
p
Transmit/Receive.
MII transmit clock (MTCLK),
MRXER
G2
G2
I
MII transmit clock (MTCLK),
Transmit clock source from the attached PHY.
MII transmit data (MTXD[3:0])
MRXDV
J4
J4
I
MII transmit data (MTXD[3:0]),
Transmit data nibble synchronous with transmit clock (MTCLK).
MII t a s it e able (MTXEN)
MRXD3
H2
H2
I
MII transmit enable (MTXEN),
This signal indicates a valid transmit data on the transmit data pins
MRXD2
J3
J3
I
This signal indicates a valid transmit data on the transmit data pins
(MTDX[3:0]).
MII collision sense (MCOL)
MRXD1
J1
J1
I
MII collision sense (MCOL)
Assertion of this signal during half-duplex operation indicates network
collision
MRXD0
K4
K4
I
collision.
During full-duplex operation, transmission of new frames will not begin if
thi
i i
td
MTCLK
L4
L4
I
gg
this pin is asserted.
MII carrier sense (MCRS)
MCOL
K2
K2
I
MII carrier sense (MCRS)
Indicates a frame carrier signal is being received.
MII receive data (MRXD[3:0]),
MTXEN
L3
L3
O/Z
MII receive data (MRXD[3:0]),
Receive data nibble synchronous with receive clock (MRCLK).
MII receive clock (MRCLK)
MTXD3
L2
L2
O/Z
MII receive clock (MRCLK),
Receive clock source from the attached PHY.
MII
i
d
lid (MRXDV)
MTXD2
M4
M4
O/Z
MII receive data valid (MRXDV),
This signal indicates a valid data nibble on the receive data pins
MTXD1
M2
M2
O/Z
This signal indicates a valid data nibble on the receive data pins
(MRDX[3:0]).
MII receive error (MRXER),
MTXD0
M3
M3
O/Z
MII receive error (MRXER),
Indicates reception of a coding error on the receive data.
MULTICHANNEL AUDIO SERIAL PORT 0 (McASP0) CONTROL
AHCLKX0
AC12
AC12
I/O/Z
IPD
McASP0 transmit high-frequency master clock (I/O/Z).
AFSX0
AD12
AD12
I/O/Z
IPD
McASP0 transmit frame sync or left/right clock (LRCLK) (I/O/Z).
ACLKX0
AB13
AB13
I/O/Z
IPD
McASP0 transmit bit clock (I/O/Z).
AMUTE0
AC13
AC13
O/Z
IPD
McASP0 mute output (O/Z).
AMUTEIN0
AD13
AD13
I/O/Z
IPD
McASP0 mute input (I/O/Z).
AHCLKR0
AB14
AB14
I/O/Z
IPD
McASP0 receive high-frequency master clock (I/O/Z).
AFSR0
AC14
AC14
I/O/Z
IPD
McASP0 receive frame sync or left/right clock (LRCLK) (I/O/Z).
ACLKR0
AD14
AD14
I/O/Z
IPD
McASP0 receive bit clock (I/O/Z).
MULTICHANNEL AUDIO SERIAL PORT 0 (McASP0) DATA
AXR0[3]
AE11
AE11
AXR0[2]
AC10
AC10
I/O/Z
IPD
McASP0 TX/RX data pins [3:0] (I/O/Z)
AXR0[1]
AD10
AD10
I/O/Z
IPD
McASP0 TX/RX data pins [3:0] (I/O/Z).
AXR0[0]
AC9
AC9
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com