Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM640 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 122Page - Texas Instruments TMS320DM640 Datasheet HTML 123Page - Texas Instruments TMS320DM640 Datasheet HTML 124Page - Texas Instruments TMS320DM640 Datasheet HTML 125Page - Texas Instruments TMS320DM640 Datasheet HTML 126Page - Texas Instruments TMS320DM640 Datasheet HTML 127Page - Texas Instruments TMS320DM640 Datasheet HTML 128Page - Texas Instruments TMS320DM640 Datasheet HTML 129Page - Texas Instruments TMS320DM640 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 179 page
background image
Multichannel Audio Serial Port (McASP0) Peripheral
126
June 2003 − Revised October 2005
SPRS222E
Table 4−34. Switching Characteristics Over Recommended Operating Conditions for McASP
(see Figure 4−35 and Figure 4−36)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
9
tc(AHCKRX)
Cycle time, AHCLKR/X
20
ns
10
tw(AHCKRX)
Pulse duration, AHCLKR/X high or low
10
ns
11
tc(CKRX)
Cycle time, ACLKR/X
ACLKR/X int
33
ns
12
tw(CKRX)
Pulse duration, ACLKR/X high or low
ACLKR/X int
16.5
ns
13
t
Delay time ACLKR/X transmit edge to AFSX/R output valid
ACLKR/X int
−1
5
ns
13
td(CKRX-FRX)
Delay time, ACLKR/X transmit edge to AFSX/R output valid
ACLKR/X ext
0
10
ns
14
t
Delay time ACLKX transmit edge to AXR output valid
ACLKX int
−1
5
ns
14
td(CKX-AXRV)
Delay time, ACLKX transmit edge to AXR output valid
ACLKX ext
0
10
ns
15
t
Disable time, AXR high impedance following last data bit from
ACLKR/X int
0
10
ns
15
tdis(CKRX−AXRHZ)
Disable time, AXR high impedance following last data bit from
ACLKR/X transmit edge
ACLKR/X ext
0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com