Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM640 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 147Page - Texas Instruments TMS320DM640 Datasheet HTML 148Page - Texas Instruments TMS320DM640 Datasheet HTML 149Page - Texas Instruments TMS320DM640 Datasheet HTML 150Page - Texas Instruments TMS320DM640 Datasheet HTML 151Page - Texas Instruments TMS320DM640 Datasheet HTML 152Page - Texas Instruments TMS320DM640 Datasheet HTML 153Page - Texas Instruments TMS320DM640 Datasheet HTML 154Page - Texas Instruments TMS320DM640 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 179 page
background image
Video Port
151
June 2003 − Revised October 2005
SPRS222E
4.13.3.3 VCLKIN Timing (Video Display Mode)
Table 4−57. Timing Requirements for Video Display Mode for VPxCLKINx† (see Figure 4−52)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tc(VKI)
Cycle time, VPxCLKINx
9
ns
2
tw(VKIH)
Pulse duration, VPxCLKINx high
4.1
ns
3
tw(VKIL)
Pulse duration, VPxCLKINx low
4.1
ns
4
tt(VKI)
Transition time, VPxCLKINx
3
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
VPxCLKINx
2
3
1
4
4
Figure 4−52. Video Port Display VPxCLKINx Timing
4.13.3.4 Video Control Input/Output and Video Display Data Output Timing With Respect to
VPxCLKINx and VPxCLKOUTx (Video Display Mode)
Table 4−58. Timing Requirements in Video Display Mode for Video Control Input Shown With
Respect to VPxCLKINx and VPxCLKOUTx (see Figure 4−53)
NO.
−400
−500
−600
UNIT
MIN
MAX
13
tsu(VCTLV-VKIH)
Setup time, VPxCTLx valid before VPxCLKINx high
2.9
ns
14
th(VCTLV-VKIH)
Hold time, VPxCTLx valid after VPxCLKINx high
0.5
ns
15
tsu(VCTLV-VKOH)
Setup time, VPxCTLx valid before VPxCLKOUTx high‡
7.4
ns
16
th(VCTLV-VKOH)
Hold time, VPxCTLx valid after VPxCLKOUTx high‡
−0.9
ns
‡ Assuming non-inverted VPxCLKOUTx signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com