| Electronic Components Datasheet Search |
|
TMS320DM640 Datasheet(PDF) 162 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM640 Datasheet(HTML) 162 Page - Texas Instruments |
|
162 / 179 page ![]() Management Data Input/Output (MDIO) 162 June 2003 − Revised October 2005 SPRS222E 4.16 Management Data Input/Output (MDIO) The MDIO module controls PHY configuration and status monitoring. 4.16.1 Device-Specific Information The management data input/output (MDIO) module continuously polls all 32 MDIO addresses in order to enumerate all PHY devices in the system. The management data input/output (MDIO) module implements the 802.3 serial management interface to interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO module to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the negotiation results, and configure required parameters in the EMAC module for correct operation. The module is designed to allow almost transparent operation of the MDIO interface, with very little maintenance from the core processor. The TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO) Module Reference Guide (literature number SPRU628) describes the DM641/DM640 MDIO peripheral in detail. Some of the features documented in this peripheral reference guide are not supported on the DM641/DM640 at this time. The DM641/DM640 only supports one EMAC module. For a list of supported registers and register fields, see Table 4−71 [MDIO Registers] in this data manual. 4.16.2 Peripheral Register Description(s) Table 4−71. MDIO Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME 01C8 3800 VERSION MDIO Version Register 01C8 3804 CONTROL MDIO Control Register 01C8 3808 ALIVE MDIO PHY Alive Indication Register 01C8 380C LINK MDIO PHY Link Status Register 01C8 3810 LINKINTRAW MDIO Link Status Change Interrupt Register (MAC1 field is reserved and only supports writes of 0.) 01C8 3814 LINKINTMASKED MDIO Link Status Change Interrupt (Masked) Register (MAC1 field is reserved and only supports writes of 0.) 01C8 3818 USERINTRAW MDIO User Command Complete Interrupt Register (MAC1 field is reserved and only supports writes of 0.) 01C8 381C USERINTMASKED MDIO User Command Complete Interrupt (Masked) Register (MAC1 field is reserved and only supports writes of 0.) 01C8 3820 USERINTMASKSET MDIO User Command Complete Interrupt Mask Set Register (MAC1 field is reserved and only supports writes of 0.) 01C8 3824 USERINTMASKCLEAR MDIO User Command Complete Interrupt Mask Clear Register (MAC1 field is reserved and only supports writes of 0.) 01C8 3828 USERACCESS0 MDIO User Access Register 0 01C8 382C USERACCESS1 Reserved. Do not write. 01C8 3830 USERPHYSEL0 MDIO User PHY Select Register 0 01C8 3834 USERPHYSEL1 Reserved. Do not write. 01C8 3838 − 01C8 3FFF − Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |