Electronic Components Datasheet Search
  English  ▼

X  

HT48E10 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48E10
Description  I/O Type 8-Bit MTP MCU With EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E10 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48E10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high*
Wake-up
Schmitt trigger
Input
Bidirectional 8-bit input/output port. Each pin can be configured as a
wake-up input by options. Software instructions determine the CMOS output
or Schmitt trigger input with pull-high resistor (determined by pull-high options).
PB0/BZ
PB1/BZ
PB2~PB7
I/O
Pull-high*
PB0 or BZ
PB1 or BZ
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
The PB0 and PB1 are pin-shared with BZ and BZ, respectively. Once the
PB0 or PB1 is selected as buzzer driving outputs, the output signals come
from an internal PFD generator (shared with timer/event counter).
VSS
¾¾
Negative power supply, ground
PC0/INT
PC1/TMR
PC2
I/O
Pull-high*
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by 1-bit pull-high op-
tions). The external interrupt and timer input are pin-shared with PC0 and
PC1, respectively. The external interrupt input is activated on a high to low
transition.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal or RC
OSC1and OSC2 are connected to an RC network or Crystal (determined by
options) for the internal system clock. In the case of RC operation, OSC2 is
the output terminal for 1/4 system clock.
Note:
²*² All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
¾
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz
¾
48
mA
HT48E10
Rev. 1.50
3
October 31, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com