Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2XXX Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ZIOL2XXX
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2XXX Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ZIOL2XXX Datasheet HTML 34Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 35Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 36Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 37Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 38Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 39Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 40Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 41Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
38
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
4
AUX_NOCULI
2
0
r/w
Current-Limiting
disabled
4
AUX_SINK_MODE
1:0
0
r/w
Sink-Mode
OVT_LOCK_TIME
5
7:0
200
r/w
Over-temperature:
time until lock is
released
Figure 3.17
COM_LOCK_TIME
6
7:0
100
r/w
Overload: time until
Lock is released
Figure 3.15
Figure 3.16
MASTER_SENS_CTRL
7
7:0
1
r/w
Over-temperature
Figure 3.18
7
MASTER_MODE
7
0
r/w
Master mode
enabled, influences
the data path and the
receiver’s current
sinks in IO-Link mode
Added in
Rev B
7
EN_FOLLOW_PRIM_CH
6
0
r/w
The secondary
channel:
0 = uses a separate
enable signal
1 = uses the enable
of the prim. ch.
Added in
Rev B
7
PRIMARY_MASTER_CH
5
0
r/w
Defines the primary
channel:
0 = COM
1 = AUX
Added in
Rev B
7
RESERVED
4
0
r/w
RESERVED
7
OVT_RED
3
0
r/w
OVT level set to
“Red”
7
OVT_ORANGE
2
0
r/w
OVT level set to
“Orange”
7
OVT_YELLOW
1
0
r/w
OVT level set to
“Yellow”
7
OVT_GREEN
0
1
r/w
OVT level set to
“Green”
OVT_ASSERT_TIME
8
7:0
100
r/w
Over-temperature:
time until lock is
asserted
Figure 3.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com