Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2XXX Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ZIOL2XXX
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2XXX Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ZIOL2XXX Datasheet HTML 78Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 79Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 80Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 81Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 82Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 83Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 84Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 85Page - Renesas Technology Corp ZIOL2XXX Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
82
April 26, 2016
Figure 10.1 Peak Register Access Scenarios
Over-load /
Over-temp
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Exception
(state signal)
Reg[20]
monitored physical value exceeds the configured limit
overload counter equals
configured limit
time
time
time
Scenario A
Peak Counter
Reg[21:25]
Overload
Counter
time
Scenario B
Read Acces of
Peak Counter
(via SPI)
Value read
via SPI
In contrast to Figure 10.1 in where the overload situation stops at the point in time in which the driver has been
locked Figure 10.2 shows a situation in which the overload situation, especially an over-current situation is kept.
This situation occurs for instance due to a low impedance load which is permanently interconnected to the driver
output. In addition to that the lock reset is configured in that way that its period is significantly shorter compared
with the assert time period. In this case the overload counter does not reach the zero value at the point in time the
lock is reset. This in the following time the assert time is shortened and equals approximately the lock time that
even passed by.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com