Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2401 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZIOL2401
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2401 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZIOL2401 Datasheet HTML 35Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 36Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 37Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 38Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 39Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 40Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 41Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 42Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
39
April 26, 2016
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
OVT_PFD_CTRL
9
6:0
15
r/w
OVT and Power-Fail
control
Figure 3.17
9
LINE_FAULT_EN
6
0
r/w
Enables Line-fault
(LF) detection
Added in
Rev B
9
UNDER_VOLTAGE_EN
5
0
r/w
Enables Under-
Voltage (UV)
detection
Added in
Rev B
9
OVT_TBASE
4:3
1
r/w
Over-temperature:
time base
9
OVT_LOCK_TIME_RST
2
1
r/w
Over-temperature:
reset lock (also) time
based
9
OVT_LOCK_EN
1
1
r/w
Over-temperature:
enable lock
9
OVT_EN
0
1
r/w
Over-temperature:
enable OVT-
measurement and
control
COM_ASSERT_TIME
10
7:0
50
r/w
COM-Overload: time
until lock is asserted
Figure 3.15
COM_MON_CTRL
11
6:0
63
r/w
Figure 3.15
11
COM_OVL_TBASE
6:5
1
r/w
COM-Overload: time
base
11
COM_LOCK_TIME_RST
4
1
r/w
COM-Overload: reset
lock (also) time
based
11
COM_HS_LOCK_EN
3
1
r/w
COM-Overload:
enable HighSide-lock
11
COM_LS_LOCK_EN
2
1
r/w
COM-Overload:
enable LowSide-lock
11
COM_OVL_HS_EN
1
1
r/w
COM-Overload:
enable HighSide-
control, to be set if
wake-up shell be
detected via over-
current activity
11
COM_OVL_LS_EN
0
1
r/w
COM-Overload:
enable LowSide-
control, to be set if
wake-up shell be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com