Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2401 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZIOL2401
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2401 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZIOL2401 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2401 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 26, 2016
supply voltage of 8V. For each input channel an analog and a digital filter are implemented, which can separately
be enabled.
3.2.3.2.
Configuration
The following table gives an overview of the possible configurations for the COM and AUX input channels.
Table 3.3
Receiver configurations
Parameter
Config.-
Register
Reg.-
Addr.
Bit-
Field
Setting / Range
Unit
Remarks
1)
Threshold level for
COM and AUX
COM_CTRL,
AUX_CTRL
1
3
5
0b0:
absolute
0b1:
ratiometric
Absolute = IO-Link
compliant thresholds
Analogue filter
COM_CTRL,
AUX_CTRL
1
3
2
0b0:
disabled
0b1:
enabled
Digital filter
COM_CTRL,
AUX_CTRL
1
3
7
0b0:
disabled
0b1:
enabled
Isink, sink strength
COM_PARAM,
AUX_PARAM
2
4
7
0b0:
2 – 3
0b1:
5 – 7
mA
Sink mode
COM_PARAM,
AUX_PARAM
2
4
1:0
0b00:
off
0b01:
IO-Link
0b10:
follow
driver
0b11:
on
Following driver:
if driver is enabled
then sink = off
if driver is disabled
then sink = on
1) For a summary of all configuration registers, please refer to Table 3.7.
3.2.3.3.
Sink Modes
The IO-Link standard defines a possible configuration option, in which the device drives the signal line only with a
high side driver thus the logic low level will be generated with a current sink on the master side (Figure 3.6). The
ZIOL2xxx supports the current sinks in different modes on master side (for details refer to Table 3.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com