Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZIOL2111
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2111 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZIOL2111 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 25Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
22
April 26, 2016
Figure 3.6
Typical IO-Link Device Configuration with HS driver only
1
3
2
4
Master
Device
[ C/Q ]
sink
[ L+ ]
High-Side
Driver only
[ L- ]
Table 3.4
Sink Mode Configuration in Detail
Register[2][1:0]
Register[4][1:0]
Mode
Sink enabling
Remark
00
n.a.
Sink steady disabled
OFF
01
Device
Mode
1)
Sink steady disabled
Typical application mode for the
IO-Link channel:
device: no sink
master: sink enabled contrary to
the corresponding driver enable
signal
Master
Mode
2)
Sink enabled if:
•
TX_EN/SPI_CLK = low (COM)
•
AUX_EN = low (AUX)
10
n.a.
Sink enabled if:
•
TX_EN/SPI_CLK = low (COM)
•
AUX_EN = low (AUX)
Enabling contrary to the driver
enable signal;
sink is only enabled while the driver
is disabled. (helps to reduce the
system’s power dissipation)
11
n.a.
steady enabled
ON
1) MASTER_MODE flag (configuration register MASTER_SENS_CTRL[7] is cleared (=0).
2) MASTER_MODE flag (configuration register MASTER_SENS_CTRL[7] is set (=1).
3.3.
System Control
3.3.1.
General
The system control provides device configuration, status signaling and SPI data transfer functionality.
Implemented are several register areas which contain configuration data and which provide status information. In
order to gain read/write access to these register areas, the standard serial peripheral interface (SPI) is
implemented. Since the pin count of the package is limited to 24 pins, the SPI specific pins (CLK, MOSI, and
MISO) are multiplexed with IO-pins of the COM driver. A dedicated pin SPI_EN_L is used to switch between SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com