Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2111 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZIOL2111
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2111 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZIOL2111 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 25Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 26Page - Renesas Technology Corp ZIOL2111 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
23
April 26, 2016
(logic low) and COM transceiver functionality (logic high). The low voltage (LV) interface works with 3.3V supply
voltage (refer to Figure 3.1). The LV outputs drive 3.3V as high level, the inputs are 5V tolerant.
If the SPI communication channel of the ZIOL2xxx Ics is active (SPI_EN_L = low), the status of the COM channel
drivers is kept. This means while SPI_EN_L = low the output driver status (driving low, driving high, or high-z) is
the same as defined by the pins TX_EN/SPI_CLK and TX/MOSI at the point of time of the SPI_EN_L high-low
transition. The AUX channel is not affected by the activity of the SPI communication. For more information, please
refer to chapter 3.3.8 and Figure 3.10.
3.3.2.
IO-Link Master
1 and Device Mode
The IC architecture is suitable for both IO-Link application cases, the physical layer transceiver at an IO-Link
master port and at an IO-Link device port. In the first case the IC shall operate in its “master mode” which is the
case if configuration register [7] bit 7 is set (=1). If the IC shall operate in “device mode”, configuration register [7]
bit 7 shall be cleared (=0). Details regarding the control of both driver channels are described in chapter 3.2.1,
3.2.2.2 and 3.2.3.3.
The IO-Link specific WURQ detection (detection of an IO-Link master’s wake-up request, refer to IO-Link
Communication Specification – chapter 8, [2]) works only in device mode.
3.3.3.
Internal Exceptions
Depending on the IC configuration the ZIOL2xxx can detect several critical situations and rise internal exceptions
accordingly. Also depending on the IC configuration an occurred internal exception can be indicated externally by
changing the logic level of the INT-L pin to “low”. The situations that cause an internal exception are channel locks
(channel driver protection), detected IO-Link specific Wake-Up pulses and several issues concerning the internal
EEPROM as described in chapter 3.3.10.
3.3.4.
IO-Link specific Wake-Up (WURQ)
In device mode the IC can detect the IO-Link specific wake-up request (WURQ) of the IO-Link master and can
therefore help to save resources in the microcontroller of IO-Link device. As regards the IO-Link specific “Wake-
Up (WURQ)” specification, please refer to the IO-Link Communication Specification issued by the IO-Link
consortium (refer to chapter 8, [2]).
The WURQ can be detected on the COM or on the AUX channel. The chosen channel is defined in a
configuration register (IRQ_WURQ_CTRL, refer to chapter 3.3.9).
In order to establish an IO-Link specific communication, the master will generate the WURQ event. In this case
the master overdrives the devices output level for a determined period. The ZIOL2xxx can detect that event which
physically occurs in two ways:
• A current overload in the drivers output for a certain period
• A contradiction of the TX and RX lines of the device for a certain period
The IC configuration register (IRQ_WURQ_CTRL, refer to chapter 3.3.9) defines if the “overload” or the
“contradiction” or both events shall be chosen for the WURQ detection. Both ways of detection can be enabled
1 Not applicable for the IC versions ZIOL22xx/21xx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com