Electronic Components Datasheet Search
  English  ▼

X  

AC101L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC101L
Description  10/100BASE-TX SINGLE-PHY TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC101L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC101L Datasheet HTML 1Page - List of Unclassifed Manufacturers AC101L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
ALTIMA COMMUNICATIONS, INC.
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by ALTIMA COMMUNICATIONS, INC. A fully owned subsidiary of
Broadcom Corporation. All rights reserved.
AC101L-PB02-R
04/13/04
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL
The AC101L provides all of the required features of an MII compliant
10/100TX/FX Ethernet transceiver. The AC101L has the lowest power
consumption of any other single- port solution.
With a power dissipation of less than 200 mW, the AC101L is the
industry’s lowest-power Fast Ethernet PHY. The AC101L features an
integrated voltage regulator, and can be supplied by either a 2.5V or 3.3V
power source. In addition, the AC101L has several intelligent power-
down states that conserve power, yet allow products based on it to
automatically turn on when needed. This feature is extremely useful in
portable and power sensitive applications such as laptop LAN card
adapters. Because most laptop users do not remove their LAN PC cards
when working remotely, this feature results in a noticeably extended
battery life for laptop computers.
Network Tolerance
The AC101L includes features that simplify the installation and
maintenance of local area networks. One such feature is the HP Auto-
MDIX capability, which automatically detects and corrects crossed
cables. With HP Auto-MDIX, the installer does not need to know what
is on the other end of the network cable; the AC101L automatically
switches its transmit and receive circuitry to accommodate the link
partner’s polarity.
When all system costs are considered, such as power, heat, components,
and real estate, the AC101L provides the lowest overall system cost and
most reliable design.
VCC25OUT
TXP
TXN
GNDTXC
VCCPLL
RBIAS
GNDPLL
GNDRX
SD/FXEN_A
RXP
RXN
VCCRX
VCCFX
GNDFX
RXDV/CRS_DV
RXC/RMII_SEL
ISO/RXER
GND
VCC
TXER
TXC
TXEN
TXD0
TXD1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
AC101L



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com