Electronic Components Datasheet Search
  English  ▼

X  

AC101L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC101L
Description  10/100BASE-TX SINGLE-PHY TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AC101L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC101L Datasheet HTML 1Page - List of Unclassifed Manufacturers AC101L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC101L
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL
10/100BASE-TX SINGLE-PHY TRANSCEIVER
CPU
Chipset
PCI
Bus
MII
TX
RX
MAC
Control
AC101L
MII Bus
CPU
Chipset
PCI
Bus
PCI Slot 1
PCI Slot 2
PCI Slot 3
PCI Slot 4
TX
RX
AC101L
CNR/ACR Slot
• Single port—10BASE-T/100BASE-TX/100BASE-FX, full-
duplex or half-duplex
• Power supply: 2.5V or 3.3V
• Integrated voltage regulator to allow operation from single
supply source
• Single port—MII
• HP auto-MDIX
• Small package—48-pin TQFP, 49 square mm footprint
• Low power—typical less than 200 mW (100BASE-TX)
• Fully compliant with IEEE 802.3/802.3u
• Baseline wander correction
• Multi-function programmable LED outputs
• Reverse polarity detection and correction
• Read/write register bit indication
• Industrial temperature (3.3V only)
• Fully integrated TX/FX PHY transceiver (MII to TX
magnetics or FX-Optics)
• Low system cost
• Simplified board design
• HP auto-MDIX detects and corrects crossed cables
• Automatically accommodates link partner polarity
• Small footprint to allow reduced real estate in space-critical
applications such as PCMCIA cards
• Industry’s lowest power Fast Ethernet PHY
• Accommodates either a 3.3V or a 2.5V power supply
• Low-power and intelligent power management
• Standby mode to conserve power
FE A T UR E S
SU MM AR Y O F B E N E FI TS
NIC 10/100BASE-TX Application
PC Motherboard 10/100BASE-TX Application


Similar Part No. - AC101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L ETC-AC101L Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
AC101L BOARDCOM-AC101L Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS00-R BOARDCOM-AC101L-DS00-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS01-R BOARDCOM-AC101L-DS01-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
AC101L-DS02-R BOARDCOM-AC101L-DS02-R Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
More results

Similar Description - AC101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221 Datasheet
201Kb / 1P
10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER
BCM5220 BOARDCOM-BCM5220 Datasheet
126Kb / 2P
10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY-TM TRANSCEIVER
BCM5241 BOARDCOM-BCM5241 Datasheet
179Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5222 BOARDCOM-BCM5222_04 Datasheet
122Kb / 2P
10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
10/100BASE-TX Transceiver
78Q2123 TERIDIAN-78Q2123 Datasheet
737Kb / 42P
10/100BASE-TX Transceiver
logo
Broadcom Corporation.
BCM5241XA1KMLG BOARDCOM-BCM5241XA1KMLG Datasheet
180Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5241A1IMLG BOARDCOM-BCM5241A1IMLG Datasheet
166Kb / 2P
10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com