Electronic Components Datasheet Search
  English  ▼

X  

EU1011 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EU1011
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1011 Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EU1011 Datasheet HTML 4Page - Eorex Corporation EU1011 Datasheet HTML 5Page - Eorex Corporation EU1011 Datasheet HTML 6Page - Eorex Corporation EU1011 Datasheet HTML 7Page - Eorex Corporation EU1011 Datasheet HTML 8Page - Eorex Corporation EU1011 Datasheet HTML 9Page - Eorex Corporation EU1011 Datasheet HTML 10Page - Eorex Corporation EU1011 Datasheet HTML 11Page - Eorex Corporation EU1011 Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
TMRC register
Address
01H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME TMRC
WDT Divide
WDTEN
WDTF
TBEN
TBF
RTCEN
RTCF
Read or Write
W
W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
0
0
0
#
0
#
0
#
*TMRC.0(RTCF) : real time counter transient flag. Once TRTC signal is transient, this flag will be
set as RTCF=1 by hardware. This bit could be cleared by software.
*TMRC.1(RTCEN) : real time counter enable/disable flag.
RTCEN = 1, enable real time counter;
RTCEN = 0, disable real time counter.
*TMRC.2(TBF) : base timer transient flag. Once TBASE signal is transient, this flag will be set as
TBF=1 by hardware. This bit could be cleared by software.
*TMRC.3(TBEN) : Base timer enable/disable flag.
TBEN = 1, enable base timer;
TBEN = 0, disable base timer.
Watchdog Timer
Watchdog timer block diagram is shown as figure_B. The clock source comes from CPU system clock.
Figure_B
Note:
*Once TMRC.5 (WDTEN) is set as “1”, the watchdog timer will start to count till the watchdog timer
overflows, and then the TMRC.4 (WDTF) is set as “1”. Meanwhile, CPU will have a warm reset by
hardware and the data in addresses $3FFCH and $3FFDH will be loaded into program counter.
Watchdog timer can be cleared by setting TMRC.5 (WDTEN=0). Please note well that the
EU101x watchdog timer is preset as disable after power on reset. Once watchdog timer is
enabled by setting TMRC.5=1, watchdog timer won’t be stopped by software. Set
TMRC.5=0 will just clear watchdog timer counter.
8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com