Electronic Components Datasheet Search
  English  ▼

X  

EU1011 Datasheet(PDF) 13 Page - Eorex Corporation

Part # EU1011
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1011 Datasheet(HTML) 13 Page - Eorex Corporation

Back Button EU1011 Datasheet HTML 9Page - Eorex Corporation EU1011 Datasheet HTML 10Page - Eorex Corporation EU1011 Datasheet HTML 11Page - Eorex Corporation EU1011 Datasheet HTML 12Page - Eorex Corporation EU1011 Datasheet HTML 13Page - Eorex Corporation EU1011 Datasheet HTML 14Page - Eorex Corporation EU1011 Datasheet HTML 15Page - Eorex Corporation EU1011 Datasheet HTML 16Page - Eorex Corporation EU1011 Datasheet HTML 17Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
PWM Mode
/1
/2
/4
/8
/16
T1INT
Fosc
T1EN
Timer1
T1BF0(06H)
T1BF1(07H)
FCLK1
SELECTOR
Timer1
interrupt
(PWM=1)
PB3/TMR
T1CK
Set T1C.4=1(PWM=1), Timer-1 will work in PWM mode. User can preset T1BF0 and T1BF1. Timer1
interrupt will have two kinds of time duties based on T1BF0 and T1BF1 data.
I/O ports
PA ports (PA6 ~ PA0) are 8-bits I/O ports. System can either output data by writing data into PA(10H)
ports or read data from input mode by reading PA(10H) ports.
When PA ports are set in output mode, it can be optioned by software as CMOS or NMOS output. Set in
input mode, PA ports can be optioned as internal pull up or input with floating status. Also, PA6~0 could
be optioned as A/D converter analog signal input pins. Please refer to
A/D Converter section.
Address
10H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PA
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
#
#
#
#
#
#
#
PAIO register: control PA port either as input mode or output mode. PAIO register can be set partially bits
in input mode and partial bits in output mode.
Address
11H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PAIO
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
1
1
1
1
1
1
1
Note:
*PAIO.n = 1, set as input mode.
(Please be noted that PAIO.0 default data is “0”.)
PAIO.n = 0, set as output mode.
That n = 6 ~ 0.
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com