Electronic Components Datasheet Search
  English  ▼

X  

EP4001 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP4001
Description  High Efficiency, Step-Up Converter with EXT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP4001 Datasheet(HTML) 3 Page - Eorex Corporation

  EP4001 Datasheet HTML 1Page - Eorex Corporation EP4001 Datasheet HTML 2Page - Eorex Corporation EP4001 Datasheet HTML 3Page - Eorex Corporation EP4001 Datasheet HTML 4Page - Eorex Corporation EP4001 Datasheet HTML 5Page - Eorex Corporation EP4001 Datasheet HTML 6Page - Eorex Corporation EP4001 Datasheet HTML 7Page - Eorex Corporation EP4001 Datasheet HTML 8Page - Eorex Corporation EP4001 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
eorex
EP4001
Aug. 2006
www.eorex.com
3/10
Thermal Resistance
(Note 1)
Package
θJA
θJC
TSOT23-6
220°C/W
110°C/W
Absolute Maximum Rating
(Note 2)
Symbol
Item
Rating
Units
VIN
Input Supply Voltage
-0.3 ~ +6
V
VSW
SW Pin Switch Voltage
-0.3 ~ +6
V
Other I/O Pin Voltage
-0.3 ~ VIN+0.3
V
ISW
SW Pin Switch Current
2.5
A
IEXT
EXT Pin Driver Current
150
mA
TJ
Junction Temperature
(Note 3)
+125
°C
TSTG
Storage Temperature Range
-65 ~ +150
°C
Note 1:
Thermal Resistance is specified with approximately 1 square of 1 oz cooper.
Note 2:
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an
instant under any conditions. Moreover, such values for any two items must not be reached
simultaneously. Operation above these absolute maximum ratings may cause degradation
or permanent damage to the device. These are stress ratings only and do not necessarily
imply functional operation below these limits.
Note 3:
TJ is calculated from the ambient temperature TA and power dissipation PD according to the
following formula: TJ = TA + (PD) × (220°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com